Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A1650DGNR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7A1650DGNR
Descripción Electrónicos  TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS7A1650DGNR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7A1650DGNR Datasheet HTML 7Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 8Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 9Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 10Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 11Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 12Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 13Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 14Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TPS7A16
www.ti.com
SBVS171F – DECEMBER 2011 – REVISED OCTOBER 2015
7.3 Feature Description
7.3.1 Enable (EN)
The enable terminal is a high-voltage-tolerant terminal. A high input on EN actives the device and turns on the
regulator. For self-bias applications, connect this input to the VIN terminal.
7.3.2 Regulated Output (VOUT)
The VOUT terminal is the regulated output based on the required voltage. The output has current limitation. During
initial power up, the regulator has a soft start incorporated to control the initial current through the pass element.
In the event that the regulator drops out of regulation, the output tracks the input minus a drop based on the load
current. When the input voltage drops below the UVLO threshold, the regulator shuts down until the input voltage
recovers above the minimum start-up level.
7.3.3 Power-Good
The power-good (PG) pin is an open-drain output and can be connected to any 5-V or lower rail through an
external pull-up resistor. When no CDELAY is used, the PG output is high-impedance when VOUT is greater than
the PG trip threshold (VIT). If VOUT drops below VIT, the open-drain output turns on and pulls the PG output low. If
output voltage monitoring is not needed, the PG pin can be left floating or connected to GND.
The power-good feature functionality is only guaranteed when VIN ≥ 3 V (VIN_(MIN))
7.3.4 PG Delay Timer (DELAY)
The power-good delay time (tDELAY) is defined as the time period from when VOUT exceeds the PG trip threshold
voltage (VIT) to when the PG output is high. This power-good delay time is set by an external capacitor (CDELAY)
connected from the DELAY pin to GND; this capacitor is charged from 0 V to approximately 1.8 V by the DELAY
pin current (IDELAY) once VOUT exceeds the PG trip threshold (VIT).
When CDELAY is used, the PG output is high-impedance when VOUT exceeds VIT, and VDELAY exceeds VREF.
The power-good delay time can be calculated using: tDELAY = (CDELAY × VREF) / IDELAY. For example, when CDELAY
= 10 nF, the PG delay time is approximately 12 ms; that is, (10 nF × 1.193 V) / 1 µA = 11.93 ms.
7.3.5 Internal Current Limit
The fixed internal current limit of the TPS7A16 family helps protect the regulator during fault conditions. The
maximum amount of current the device can source is the current limit (225 mA, typical), and is largely
independent of output voltage. For reliable operation, do not operate the device in current limit for extended
periods of time.
7.3.6 Thermal Protection
Thermal protection disables the output when the junction temperature rises to approximately 170°C, allowing the
device to cool. When the junction temperature cools to approximately 150°C, the output circuitry is enabled.
Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may
cycle ON and OFF. This cycling limits the dissipation of the regulator, protecting it from damage as a result of
overheating.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS7A16


Número de pieza similar - TPS7A1650DGNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A1650DGNR TI1-TPS7A1650DGNR Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
TPS7A1650DGNR TI1-TPS7A1650DGNR Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1650DGNR TI-TPS7A1650DGNR Datasheet
1Mb / 14P
[Old version datasheet]   XTR111 Demonstration Fixture Users Guide
Revised April 2013
More results

Descripción similar - TPS7A1650DGNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com