Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A6550-Q1 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS7A6550-Q1
Descripción Electrónicos  300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS7A6550-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS7A6550-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS7A6550-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS7A6550-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS7A6550-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS7A6550-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS7A6550-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS7A6550-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS7A6550-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS7A6550-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Q1
Oscillator
UVLO
Comp. with
Internal
Reference
Logic
Control
Band Gap
Over Current Detection
VRef1
Regulator
Control
VIN
VOUT
CIN
COUT
VIN
VOUT
GND
VRef1
Charge
Pump
Error
Amp
Temperature Sensor/
Thermal Shutdown
GND
VOUT
VIN
1
2
3
TPS7A6533-Q1
TPS7A6550-Q1
SLVSA98C – MAY 2010 – REVISED JULY 2012
www.ti.com
DEVICE INFORMATION
KVU PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
NO.
NAME
TYPE
DESCRIPTION
Input voltage pin: The unregulated input voltage is supplied to this pin. A bypass capacitor is connected
1
VIN
I
between VIN pin and GND pin to dampen input line transients.
2
GND
I/O
Ground pin: This is signal ground pin of the IC.
Regulated output voltage pin: This is a regulated voltage output (VOUT = 3.3 V or 5 V, as applicable) pin
3
VOUT
O
with a limitation on maximum output current. In order to achieve stable operation and prevent oscillation,
an external output capacitor (COUT) with low ESR is connected between this pin and the GND pin.
FUNCTIONAL BLOCK DIAGRAM
Figure 3. TPS7A65xx-Q1 Functional Block Diagram
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS7A6533-Q1 TPS7A6550-Q1


Número de pieza similar - TPS7A6550-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A6550-Q1 TI1-TPS7A6550-Q1 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
TPS7A6550-Q1 TI1-TPS7A6550-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
More results

Descripción similar - TPS7A6550-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_14 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI-TPS7A6201-Q1_15 Datasheet
695Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1_14 Datasheet
728Kb / 21P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
813Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6033-Q1 TI1-TPS7A6033-Q1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
logo
STMicroelectronics
ST732 STMICROELECTRONICS-ST732 Datasheet
721Kb / 21P
   300 mA, 28 V low-dropout voltage regulator, with 5 關A quiescent current
Rev 3 - April 2021
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com