Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7B6701-Q1 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS7B6701-Q1
Descripción Electrónicos  TPS7B67xx-Q1 450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS7B6701-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS7B6701-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS7B6701-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS7B6701-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS7B6701-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS7B6701-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS7B6701-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS7B6701-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS7B6701-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS7B6701-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
RESET
NC
DELAY
VOUT
ADJ/NC
NC
NC
GND
NC
VIN
NC
NC
NC
EN
NC
GND
19
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
NC
NC
NC
NC
17
9
18
20
TPS7B6701-Q1
TPS7B6733-Q1, TPS7B6750-Q1
SLVSCB2C – OCTOBER 2013 – REVISED DECEMBER 2014
www.ti.com
6 Device Comparison
ORDERABLE PART NUMBER
VOLTAGE OPTION (VOUT)
TPS7B6701QPWPRQ1
Adjustable 1.5 to 18 V
TPS7B6733QPWPRQ1
Fixed 3.3 V
TPS7B6750QPWPRQ1
Fixed 5 V
7 Pin Configuration and Functions
PWP Package
20-Pin HTSSOP With PowerPAD™
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
PWP
ADJ
5
I
Feedback pin. This pin is used with an external resistor divider or the NC pin when in a fixed version.
DELAY
3
O
Reset pulse delay adjustment. Connect this pin through a capacitor to GND.
EN
15
I
Enable pin. When the EN pin becomes lower than threshold, the device enters the stand-by state.
GND
8, 13
G
Ground reference
2, 6, 7, 9,
10, 11, 12,
NC
Not connected
14, 16, 17,
18, 20
Output ready. This open-drain pin must be connected to VOUT through an external resistor. RESET is
RESET
1
O
pulled down when the output voltage goes below threshold.
VIN
19
P
Input power-supply voltage
VOUT
4
P
Output voltage
PowerPAD™
Thermal pad
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS7B6701-Q1 TPS7B6733-Q1 TPS7B6750-Q1


Número de pieza similar - TPS7B6701-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Descripción similar - TPS7B6701-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B82-Q1 TI-TPS7B82-Q1_V06 Datasheet
2Mb / 34P
[Old version datasheet]   TPS7B82-Q1 Automotive 300-mA, High-Voltage, Ultra-Low-IQ Low-Dropout Regulator
AUGUST 2021
TPS7B6925-Q1 TI-TPS7B6925-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS7B69xx-Q1 High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS784-Q1 TI1-TPS784-Q1_V02 Datasheet
2Mb / 29P
[Old version datasheet]   TPS784-Q1 300-mA, Low IQ, Low-Dropout Regulator
TLV702-Q1 TI-TLV702-Q1_15 Datasheet
953Kb / 25P
[Old version datasheet]   TLV702-Q1 300-mA, Low-IQ, Low-Dropout Regulator
TPS784-Q1 TI1-TPS784-Q1_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS784-Q1 300-mA, Low IQ, Low-Dropout Regulator
TPS784-Q1 TI1-TPS784-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   TPS784-Q1 300-mA, Low IQ, Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com