Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS735-Q1 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS735-Q1
Descripción Electrónicos  TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS735-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS735-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS735-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS735-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS735-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS735-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS735-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS735-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS735-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS735-Q1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
400
450
500
Output Current (mA)
T = 25°C
J
T = 85°C
J
T = 125°C
J
T = 0°C
J
T = –40°C
J
500
450
400
350
300
250
200
150
100
50
0
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature (
)
°C
V
IN = 3.3 V
V
IN = 5 V
V
= 6.5 V
IN
2.86
2.85
2.84
2.83
2.82
2.81
2.8
2.79
2.78
2.77
2.76
2.75
2.74
0
50
100
150
200
250
300
350
400
450
500
Load (mA)
T = 85°C
J
T = 125°C
J
T = –40°C
J
2.55
2.54
2.53
2.52
2.51
2.5
2.49
2.48
2.47
2.46
2.45
0
50
100
150
200
250
300
350
400
450
500
Load (mA)
T = 25°C
J
T = 85°C
J
T = 125°C
J
T = 0°C
J
T = –40°C
J
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
-
-
-
-
-
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
T = 25°C
J
T = 85°C
J
T = 125°C
J
T = 0°C
J
T = –40°C
J
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
-
-
-
-
-
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
T = 25°C
J
T = 85°C
J
T = 125°C
J
T = 0°C
J
T = –40°C
J
TPS735-Q1
SBVS252A – OCTOBER 2014 – REVISED JANUARY 2015
www.ti.com
6.6 Typical Characteristics
Over operating temperature range (–40°C
≤ TJ, TA ≤ 125°C), VIN = VOUTnom + 0.5 V or 2.7 V (whichever is greater), IOUT =
1 mA, VEN = VIN, COUT = 2.2 μF, and CNR = 0.01 μF, unless otherwise noted. TA = 25°C, unless otherwise noted.
IOUT = 100 mA
IOUT = 100 mA
Figure 2. TPS73525-Q1 Line Regulation
Figure 1. TPS73501-Q1 Line Regulation
The y-axis range is ±2% of 2.8 V
The y-axis range is ±2% of 2.5 V
Figure 3. TPS73501-Q1 Load Regulation
Figure 4. TPS73525-Q1 Load Regulation
VEN = 0.4 V
Figure 6. TPS73525-Q1 Ground Pin Current (Disable) vs
Figure 5. TPS73525-Q1 Ground Pin Current vs
Temperature
Output Current
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS735-Q1


Número de pieza similar - TPS735-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS735 TI-TPS735 Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS7350 TI-TPS7350 Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Descripción similar - TPS735-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS735 TI-TPS735_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS735 500-mA, Low Quiescent Current, Ultra-Low Noise, High PSRR,Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com