Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73515QDRBRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS73515QDRBRQ1
Descripción Electrónicos  TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS73515QDRBRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS73515QDRBRQ1 Datasheet HTML 5Page - Texas Instruments TPS73515QDRBRQ1 Datasheet HTML 6Page - Texas Instruments TPS73515QDRBRQ1 Datasheet HTML 7Page - Texas Instruments TPS73515QDRBRQ1 Datasheet HTML 8Page - Texas Instruments TPS73515QDRBRQ1 Datasheet HTML 9Page - Texas Instruments TPS73515QDRBRQ1 Datasheet HTML 10Page - Texas Instruments TPS73515QDRBRQ1 Datasheet HTML 11Page - Texas Instruments TPS73515QDRBRQ1 Datasheet HTML 12Page - Texas Instruments TPS73515QDRBRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TPS735-Q1
www.ti.com
SBVS252A – OCTOBER 2014 – REVISED JANUARY 2015
7.3 Feature Description
7.3.1 Internal Current-Limit
The TPS735-Q1 internal current-limit helps protect the regulator during fault conditions. During current-limit, the
output sources a fixed amount of current that is largely independent of the output voltage. For reliable operation,
do not operate the device in current-limit for extended periods of time.
The PMOS pass element in the TPS735-Q1 family of devices has a built-in body diode that conducts current
when the voltage at the OUT pin exceeds the voltage at the IN pin. This current is not limited, so if extended
reverse voltage operation is anticipated, external limiting can be appropriate.
7.3.2 Shutdown
The enable pin (EN) is active high and is compatible with standard and low-voltage TTL-CMOS levels. When
shutdown capability is not required, the EN pin can be connected to the IN pin.
7.3.3 Dropout Voltage
The TPS735-Q1 family of devices uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is
less than the dropout voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-
output resistance (R(IN/OUT)) of the PMOS pass element. VDO scales with the output current because the PMOS
device behaves like a resistor in dropout.
As with any linear regulator, PSRR and transient response are degraded when (VIN – VOUT) approaches dropout.
This effect is shown in the Typical Characteristics section (see Figure 8 through Figure 10).
7.3.4 Startup and Noise Reduction Capacitor
Fixed voltage versions of the TPS735-Q1 family of devices use a quick-start circuit to fast-charge the noise
reduction capacitor, CNR, if present (see the Functional Block Diagram section). This architecture allows the
combination of very-low output noise and fast startup times. The NR pin is high impedance so a low-leakage CNR
capacitor must be used. Most ceramic capacitors are appropriate in this configuration. A high-quality, COG-type
(NPO) dielectric ceramic capacitor is recommended for CNR when used in environments where abrupt changes in
temperature can occur.
Note that for fastest start-up, apply VIN first, then drive the enable pin (EN) high. If the EN pin is tied to the IN pin,
start-up is somewhat slower. Refer to the Typical Application section (see Figure 17 and Figure 18). The quick-
start switch is closed for approximately 135
μs. To ensure that CNR is charged during the quick-start time, use a
capacitor with a value of no more than 0.01
μF.
7.3.5 Transient Response
As with any regulator, increasing the size of the output capacitor reduces overshoot and undershoot magnitude
but increases the transient response duration. In the adjustable version, adding CFB between the OUT and FB
pins improves stability and transient response performance. The transient response of the TPS735-Q1 family of
devices is enhanced by an active pulldown that engages when the output overshoots by approximately 5% or
more when the device is enabled. When enabled, the pull-down device behaves like a 400-
Ω resistor to ground.
7.3.6 Undervoltage Lockout (UVLO)
The TPS735-Q1 family of devices uses an undervoltage lockout circuit to keep the output shut off until the
internal circuitry is operating properly. The UVLO circuit has a deglitch feature so that the UVLO typically ignores
undershoot transients on the input if the transients are less than 50
μs in duration.
7.3.7 Minimum Load
The TPS735-Q1 family of devices is stable and well-behaved with no output load. To meet the specified
accuracy, a minimum load of 500
μA is required. Below 500 μA and at junction temperatures near 125°C, the
output can drift up enough to cause the output pulldown to turn on. The output pulldown limits voltage drift to 5%
(typically) but ground current can increase by approximately 50
μA. In most applications, the junction does not
reach high temperatures at light loads because very little power is dissipated. Therefore, the specified ground
current is valid at no load in most applications.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS735-Q1


Número de pieza similar - TPS73515QDRBRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73515DRBR TI-TPS73515DRBR Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73515DRBR TI-TPS73515DRBR Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73515DRBR TI1-TPS73515DRBR Datasheet
814Kb / 27P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
TPS73515DRBT TI-TPS73515DRBT Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73515DRBT TI-TPS73515DRBT Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Descripción similar - TPS73515QDRBRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS735 TI-TPS735_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS735 500-mA, Low Quiescent Current, Ultra-Low Noise, High PSRR,Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com