Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS78319DDCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS78319DDCT
Descripción Electrónicos  TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS78319DDCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS78319DDCT Datasheet HTML 3Page - Texas Instruments TPS78319DDCT Datasheet HTML 4Page - Texas Instruments TPS78319DDCT Datasheet HTML 5Page - Texas Instruments TPS78319DDCT Datasheet HTML 6Page - Texas Instruments TPS78319DDCT Datasheet HTML 7Page - Texas Instruments TPS78319DDCT Datasheet HTML 8Page - Texas Instruments TPS78319DDCT Datasheet HTML 9Page - Texas Instruments TPS78319DDCT Datasheet HTML 10Page - Texas Instruments TPS78319DDCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
100
10
1
0.1
0.01
0.001
10
100
1k
10k
100k
Frequency (Hz)
150mA
1mA = 130
50mA = 134
150mA = 138.0 V
V
V
RMS
RMS
RMS
m
m
m
50mA
1mA
3
2
1
0
1
2
3
-
-
-
-40 -25 -10
5
20
35
50
65
80
95
110 125
T (
)
J
C
°
150mA
100 A
m
10 A
m
5mA
250
200
150
100
50
0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
V
(V)
OUT
-40 C
°
+85 C
°
+25 C
°
+105 C
°
V
EN(HI)
V
EN(LO)
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
-40 -25 -10
5
20
35
50
65
80
95
110 125
T (
)
J
C
°
3.0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
V
(V)
IN
-40 C
°
+105 C
°
+85 C
°
+25 C
°
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
V
(V)
IN
-40 C
°
+85 C
°
+105 C
°
+25 C
°
200
210
220
230
240
250
TPS783
www.ti.com
SBVS133A – FEBRUARY 2010 – REVISED NOVEMBER 2014
Typical Characteristics (continued)
At TJ = –40°C to 105°C, VIN = VOUT(nom) + 0.5 V or 2.2 V, whichever is greater; IOUT = 100 μA, VEN = VIN, COUT = 1 μF, and
CIN = 1 μF (unless otherwise noted).
VOUT = 95% VOUT(nom), VOUT(nom) = 3.0 V
IOUT = 100 μA, VOUT(nom) = 3.0 V
Figure 7. TPS78330 Current Limit vs Input Voltage
Figure 8. TPS78330 Enable Pin Current vs Input Voltage
IOUT = 1 mA, VOUT(nom) = 3.0 V
VOUT = VOUT(nom) = 3.0 V, VEN = 0.4 V
Figure 9. TPS78330 Enable Pin Hysteresis vs
Figure 10. TPS78330 Output Current Leakage at Shutdown
Junction Temperature
CIN = 1 μF, COUT = 2.2 μF, VIN = 3.5 V, VOUT(nom) = 3.0 V
VIN = 3.5 V, VOUT(nom) = 3.0 V
Figure 11. TPS78330 Output Spectral Noise Density
Figure 12. TPS78330 %
ΔVO vs Junction Temperature
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS783


Número de pieza similar - TPS78319DDCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS783 TI-TPS783 Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330DDCR TI-TPS78330DDCR Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330DDCR TI-TPS78330DDCR Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330DDCR TI1-TPS78330DDCR Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Descripción similar - TPS78319DDCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782 TI-TPS782 Datasheet
1Mb / 28P
[Old version datasheet]   TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Analog Devices
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI-TPS78225-Q1_15 Datasheet
846Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com