Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3701 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3701
Descripción Electrónicos  TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3701 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3701 Datasheet HTML 3Page - Texas Instruments TPS3701 Datasheet HTML 4Page - Texas Instruments TPS3701 Datasheet HTML 5Page - Texas Instruments TPS3701 Datasheet HTML 6Page - Texas Instruments TPS3701 Datasheet HTML 7Page - Texas Instruments TPS3701 Datasheet HTML 8Page - Texas Instruments TPS3701 Datasheet HTML 9Page - Texas Instruments TPS3701 Datasheet HTML 10Page - Texas Instruments TPS3701 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TJ (GC)
-40
-20
0
20
40
60
80
100
120
140
399.45
399.6
399.75
399.9
400.05
400.2
400.35
D004
VDD = 1.8 V
VDD = 12 V
VDD = 36 V
TJ (GC)
-40
-20
0
20
40
60
80
100
120
140
392.7
393
393.3
393.6
393.9
394.2
394.5
394.8
395.1
395.4
395.7
D003
VDD = 1.8 V
VDD = 12 V
VDD = 36 V
TJ (GC)
-40
-20
0
20
40
60
80
100
120
140
404
404.5
405
405.5
406
406.5
407
407.5
408
408.5
D005
VDD = 1.8 V
VDD = 12 V
VDD = 36 V
TJ (GC)
-40
-20
0
20
40
60
80
100
120
140
399.3
399.45
399.6
399.75
399.9
400.05
400.2
D002
VDD = 1.8 V
VDD = 12 V
VDD = 36 V
Supply Voltage (V)
0
6
12
18
24
30
36
0
2
4
6
8
10
D001
TJ = -40GC
TJ = 0GC
TJ = 25GC
TJ = 85GC
TJ = 125GC
Overdrive (%)
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
8
10
12
14
16
18
20
22
D011
INA
INB
TPS3701
www.ti.com
SBVS240 – NOVEMBER 2014
6.7 Typical Characteristics
At TJ = 25°C and VDD = 12 V, unless otherwise noted.
VDD = 24 V
Figure 2. Supply Current vs Supply Voltage
Figure 3. Minimum Pulse Duration vs
Threshold Overdrive Voltage (1)
Figure 4. INA Positive Input Threshold Voltage (VIT+(INA)) vs
Figure 5. INA Negative Input Threshold Voltage (VIT–(INA)) vs
Temperature
Temperature
Figure 6. INB Positive Input Threshold Voltage (VIT+(INB)) vs
Figure 7. INB Negative Input Threshold Voltage (VIT–(INB)) vs
Temperature
Temperature
(1)
Minimum pulse duration required to trigger output high-to-low transition. INA = negative spike below VIT– and INB = positive spike above
VIT+.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS3701


Número de pieza similar - TPS3701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI-TPS3700 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
More results

Descripción similar - TPS3701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI-TPS3700_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_18 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 18-V Window Comparator With 400-mV Reference
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com