Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3700DSET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3700DSET
Descripción Electrónicos  TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3700DSET Datasheet(HTML) 3 Page - Texas Instruments

  TPS3700DSET Datasheet HTML 1Page - Texas Instruments TPS3700DSET Datasheet HTML 2Page - Texas Instruments TPS3700DSET Datasheet HTML 3Page - Texas Instruments TPS3700DSET Datasheet HTML 4Page - Texas Instruments TPS3700DSET Datasheet HTML 5Page - Texas Instruments TPS3700DSET Datasheet HTML 6Page - Texas Instruments TPS3700DSET Datasheet HTML 7Page - Texas Instruments TPS3700DSET Datasheet HTML 8Page - Texas Instruments TPS3700DSET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
3
6
5
4
OUTA
GND
INA+
OUTB
VDD
INB
-
1
2
3
6
5
4
OUTB
VDD
INB
-
OUTA
GND
INA+
TPS3700
www.ti.com
SBVS187D – FEBRUARY 2012 – REVISED JANUARY 2015
6 Pin Configuration and Functions
DDC Package
DSE Package
SOT-6
WSON-6
(Top View)
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DDC
DSE
GND
2
5
Ground
This pin is connected to the voltage to be monitored with the use of an external resistor
INA+
3
4
I
divider. When the voltage at this terminal drops below the threshold voltage (VITP
VHYS), OUTA is driven low.
This pin is connected to the voltage to be monitored with the use of an external resistor
INB–
4
3
I
divider. When the voltage at this terminal exceeds the threshold voltage (VITP), OUTB is
driven low.
INA+ comparator open-drain output. OUTA is driven low when the voltage at this
OUTA
1
6
O
comparator is below (VITP – VHYS). The output goes high when the sense voltage returns
above the respective threshold (VITP).
INB– comparator open-drain output. OUTB is driven low when the voltage at this
OUTB
6
1
O
comparator exceeds VITP. The output goes high when the sense voltage returns below
the respective threshold (VITP – VHYS).
Supply voltage input. Connect a 1.8-V to 18-V supply to VDD to power the device. Good
VDD
5
2
I
analog design practice is to place a 0.1-µF ceramic capacitor close to this pin.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS3700


Número de pieza similar - TPS3700DSET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3700DDCR TI1-TPS3700DDCR Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700DDCT TI1-TPS3700DDCT Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
More results

Descripción similar - TPS3700DSET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3701 TI-TPS3701_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231_14 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com