Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS5124DBTRG4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS5124DBTRG4
Descripción Electrónicos  DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS5124DBTRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS5124DBTRG4 Datasheet HTML 4Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 5Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 6Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 7Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 8Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 9Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 10Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 11Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TPS5124
SLUS571 − SEPTEMBER 2003
8
www.ti.com
FUNCTIONAL DESCRIPTION
OVER CURRENT PROTECTION (OCP)
Over current protection (OCP) is achieved by comparing the drain-to-source voltage of the high-side and
low-side MOSFET to a set-point voltage, which is defined by both the internal current source, ITRIP, and the
external resistor connected between the VCC and TRIP pins. ITRIP has a typical value of 13 µA at 25°C. When
the low-side MOSFET’s drain-to-source voltage exceeds the set-point voltage during low-side conduction, the
high-side current comparator becomes active, and the low-side on pulse is extended until this voltage comes
back below the threshold. If the set-point voltage is exceeded during high-side conduction in the following cycle,
the current limit circuit terminates the high-side driver pulse. Together this action has the effect of decreasing
the output voltage until the under voltage protection circuit is activated to latch both the high-side and low-side
drivers OFF. In the TPS5124, trip current (ITRIP) has a temperature coefficient of 3400 ppm/_C in order to
compensate for temperature drift of the MOSFET on-resistance.
OVER VOLTAGE PROTECTION (OVP)
For over voltage protection (OVP), the TPS5124 monitors the INV pin voltage. When the INV pin voltage is
higher than 0.95 V (0.85 V +12%), the OVP comparator output goes low and the SCP timer starts to charge an
external capacitor connected to SCP pin. After a set time, the SCP circuit latches the high-side MOSFET driver
to OFF state and low-side MOSFET drivers to ON state. The timer source current for the OVP latch is 8
µA(typ.),
and the time−up voltage is 1.185 V (typ.). The OVP timer is designed to be five times faster than the under
voltage protection timer described below.
UNDER VOLTAGE PROTECTION (UVP)
For under voltage protection (UVP), the TPS5124 monitors the INV pin voltage. When the INV pin voltage is
lower than 0.66 V (0.85 V – 22%), the UVP comparator output goes low, and the SCP timer starts to charge the
external capacitor connected to SCP pin. Also, when the current comparator triggers the OCP, the UVP
comparator detects the under voltage output and starts the SCP capacitor charge, too. After a set time, the SCP
circuit latches both of the MOSFET drivers to the OFF state. The timer latch source current for UVP is 1.6
µA
(typ.), and the time-up voltage is also 1.185 V (typ.).
SCP (TIMER)
When an OVP or UVP comparator output goes low, the SCP circuit starts to charge the SCP capacitor. If the
SCP pin voltage goes beyond a constant level, the TPS5124 latches the MOSFET drivers. At this time, the state
of MOSFET is different depending on the OVP alert and the UVP alert. The enable time used to latch the
MOSFET drivers is decided by the value of the SCP capacitor. The charging constant current value depends
on whether it is an OVP alert or a UVP alert as shown in the following equation:
I
SCP(ovp) + ISCP(uvp)
5
SOFT START
Soft-start ramp up of the SBRC is controlled by the SSx pin voltage. After the STBY pin is raised to a HIGH level,
an internal current source charges up an external capacitor connected between the SSx and GND pins. The
soft-start time is easily calculated by the supply current and the capacitance value.
(1)


Número de pieza similar - TPS5124DBTRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5124DBT TI-TPS5124DBT Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
More results

Descripción similar - TPS5124DBTRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Texas Instruments
TPS51225 TI1-TPS51225_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com