Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS5124DBTRG4 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS5124DBTRG4
Descripción Electrónicos  DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS5124DBTRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS5124DBTRG4 Datasheet HTML 5Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 6Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 7Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 8Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 9Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 10Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 11Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 12Page - Texas Instruments TPS5124DBTRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TPS5124
SLUS571 − SEPTEMBER 2003
9
www.ti.com
FUNCTIONAL DESCRIPTION
STANDBY
The SBRC controller can be switched into standby mode separately by grounding STBY pin.
Table 1. Standby Logic
STBY1
STBY2
SBRC (CH1)
SBRC (CH2)
5-V REGULATOR
L
L
DISABLED
DISABLED
DISABLED
L
H
DISABLED
ENABLED
ENABLED
H
L
ENABLED
DISABLED
ENABLED
H
H
ENABLED
ENABLED
ENABLED
UNDERVOLTAGE LOCK OUT (UVLO)
For undervoltage lock out (UVLO), the TPS5124 monitors VREF5 voltage. When the VREF5 voltage decreases
below about 4.1 V, the output stages of both SBRC are turned off. This state is not latched and the operation
recovers immediately after the input voltage becomes higher than about 4.2 V again. The typical hysteresis
voltage is 40 mV.
PHASE INVERTER
The SBRC (CH2) of the TPS5124 operates in the same phase as the internal triangular oscillator output while
the SBRC (CH1) operates 180
_ out of phase. When the SBRC (CH1) and the SBRC (CH2) share the same input
power supply, the TPS5124 reduces input current ripple and enables the input capacitor value smaller.
OSCILLATOR
TPS5124 has a triangle oscillator generator internal to the device. The oscillation frequency is set by the size
of the capacitor connected to the CT pin.


Número de pieza similar - TPS5124DBTRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5124DBT TI-TPS5124DBT Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
More results

Descripción similar - TPS5124DBTRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Texas Instruments
TPS51225 TI1-TPS51225_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com