Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N60-E Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza 2N60-E
Descripción Electrónicos  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60-E Datasheet(HTML) 3 Page - Unisonic Technologies

  2N60-E Datasheet HTML 1Page - Unisonic Technologies 2N60-E Datasheet HTML 2Page - Unisonic Technologies 2N60-E Datasheet HTML 3Page - Unisonic Technologies 2N60-E Datasheet HTML 4Page - Unisonic Technologies 2N60-E Datasheet HTML 5Page - Unisonic Technologies 2N60-E Datasheet HTML 6Page - Unisonic Technologies 2N60-E Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N60-E
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-974.C
ABSOLUTE MAXIMUM RATINGS (TC = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
2.0
A
Drain Current
Continuous
ID
2.0
A
Pulsed (Note 2)
IDM
8.0
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
100
mJ
Power Dissipation
(
TC = 25°С)
SOT-223
PD
1
W
TO-220/ TO-262
54
W
TO-220F/TO-220F1
23
W
TO-251/TO-251L
TO-252/TO-251S
TO-251S2/TO-251S4
44
W
TO-126/TO-126C
40
W
DFN-8(5×6)
22
W
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L=50mH, IAS=2A, VDD=50V, RG=25 Ω, Starting TJ = 25°C
4. ISD≤2.4A, di/dt≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
PACKAGE
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-223
θJA
150
°С/W
TO-220/ TO-262
TO-220F/TO-220F1
62.5
°С/W
TO-251/TO-251L
TO-252/TO-251S
TO-251S2/TO-251S4
100
°С/W
TO-126/TO-126C
89
°С/W
DFN-8(5×6)
75 (Note)
°С/W
Junction to Case
SOT-223
θJC
14
°С/W
TO-220/ TO-262
2.32
°С/W
TO-220F/TO-220F1
5.5
°С/W
TO-251/TO-251L
TO-252/TO-251S
TO-251S2/TO-251S4
2.87
°С/W
TO-126/TO-126C
3.12
°С/W
DFN-8(5×6)
5.6 (Note)
°С/W
Note: Note: The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.


Número de pieza similar - 2N60-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2N60-220 ISC-2N60-220 Datasheet
209Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
2N60-C UTC-2N60-C Datasheet
274Kb / 7P
   N-CHANNEL POWER MOSFET
2N60-TA3-R UTC-2N60-TA3-R Datasheet
142Kb / 8P
   2 Amps, 600 Volts N-CHANNEL MOSFET
2N60-TA3-T UTC-2N60-TA3-T Datasheet
142Kb / 8P
   2 Amps, 600 Volts N-CHANNEL MOSFET
logo
ARTSCHIP ELECTRONICS CO...
2N60-TA3-T ARTSCHIP-2N60-TA3-T Datasheet
389Kb / 7P
   N-CHANNEL MOSFET
More results

Descripción similar - 2N60-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com