Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2662 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2662
Descripción Electrónicos  LM266x Switched Capacitor Voltage Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2662 Datasheet(HTML) 5 Page - Texas Instruments

  LM2662 Datasheet HTML 1Page - Texas Instruments LM2662 Datasheet HTML 2Page - Texas Instruments LM2662 Datasheet HTML 3Page - Texas Instruments LM2662 Datasheet HTML 4Page - Texas Instruments LM2662 Datasheet HTML 5Page - Texas Instruments LM2662 Datasheet HTML 6Page - Texas Instruments LM2662 Datasheet HTML 7Page - Texas Instruments LM2662 Datasheet HTML 8Page - Texas Instruments LM2662 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM2662, LM2663
www.ti.com
SNVS002E – JANUARY 1999 – REVISED OCTOBER 2014
6.5 Electrical Characteristics
Unless otherwise specified: V+ = 5 V, FC = Open, C1 = C2 = 47 μF.
(1)
PARAMETER
TEST CONDITION
MIN(2)
TYP(3)
MAX(2)
UNIT
V+
Supply Voltage
RL = 1k
Inverter, LV =
3.5
5.5
Open
V
Inverter, LV = GND
1.5
5.5
Doubler, LV = OUT
2.5
5.5
IQ
Supply Current
No Load
FC = V+ (LM2662)
1.3
4
LV = Open
SD = Ground
mA
(LM2663)
FC = Open
0.3
0.8
ISD
Shutdown Supply Current
10
μA
(LM2663)
VSD
Shutdown Pin Input Voltage
Shutdown Mode
2
(4)
V
(LM2663)
Normal Operation
0.3
IL
Output Current
200
mA
ROUT
Output Resistance(5)
IL = 200 mA
3.5
7
Ω
fOSC
Oscillator Frequency(6)
OSC = Open
FC = Open
7
20
kHz
FC = V+
55
150
fSW
Switching Frequency(7)
OSC = Open
FC = Open
3.5
10
kHz
FC = V+
27.5
75
IOSC
OSC Input Current
FC = Open
±2
μA
FC = V+
±10
PEFF
Power Efficiency
RL (500) between V
+ and OUT
90%
96%
IL = 200 mA to GND
86%
VOEFF
Voltage Conversion Efficiency
No Load
99%
99.96%
(1)
In the test circuit, capacitors C1 and C2 are 47-μF, 0.2-Ω maximum ESR capacitors. Capacitors with higher ESR will increase output
resistance, reduce output voltage and efficiency.
(2)
–40°C to 105°C
(3)
TJ = 25°C
(4)
In doubling mode, when Vout > 5 V, minimum input high for shutdown equals Vout − 3 V.
(5)
Specified output resistance includes internal switch resistance and capacitor ESR.
(6)
For LM2663, the oscillator frequency is 150 kHz.
(7)
The output switches operate at one half of the oscillator frequency, ƒOSC = 2ƒSW.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2662 LM2663


Número de pieza similar - LM2662

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2662 TI-LM2662 Datasheet
1Mb / 19P
[Old version datasheet]   LM2662/LM2663 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662M NSC-LM2662M Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2662M TI-LM2662M Datasheet
1Mb / 19P
[Old version datasheet]   LM2662/LM2663 Switched Capacitor Voltage Converter
LM2662MX TI-LM2662MX Datasheet
1Mb / 19P
[Old version datasheet]   LM2662/LM2663 Switched Capacitor Voltage Converter
More results

Descripción similar - LM2662

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com