Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2662M Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2662M
Descripción Electrónicos  LM266x Switched Capacitor Voltage Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2662M Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2662M Datasheet HTML 7Page - Texas Instruments LM2662M Datasheet HTML 8Page - Texas Instruments LM2662M Datasheet HTML 9Page - Texas Instruments LM2662M Datasheet HTML 10Page - Texas Instruments LM2662M Datasheet HTML 11Page - Texas Instruments LM2662M Datasheet HTML 12Page - Texas Instruments LM2662M Datasheet HTML 13Page - Texas Instruments LM2662M Datasheet HTML 14Page - Texas Instruments LM2662M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM2662, LM2663
www.ti.com
SNVS002E – JANUARY 1999 – REVISED OCTOBER 2014
Feature Description (continued)
Table 1. LM2662 Oscillator Frequency Selection
FC
OSC
OSCILLATOR
Open
Open
20 kHz
V+
Open
150 kHz
Open or V+
External Capacitor
See Typical Performance Characteristics
N/A
External Clock (inverter mode only)
External Clock Frequency
Table 2. LM2663 Oscillator Frequency Selection
OSC
OSCILLATOR
Open
150 kHz
External Capacitor
See Typical Performance Characteristics
External Clock (inverter mode only)
External Clock Frequency
8.4 Device Functional Modes
8.4.1 Shutdown Mode
For the LM2663, a shutdown (SD) pin is available to disable the device and reduce the quiescent current to 10
μA. Applying a voltage greater than 2 V to the SD pin will bring the device into shutdown mode. While in normal
operating mode, the SD pin is connected to ground.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2662 LM2663


Número de pieza similar - LM2662M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2662M NSC-LM2662M Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2662M TI-LM2662M Datasheet
1Mb / 19P
[Old version datasheet]   LM2662/LM2663 Switched Capacitor Voltage Converter
LM2662MX TI-LM2662MX Datasheet
1Mb / 19P
[Old version datasheet]   LM2662/LM2663 Switched Capacitor Voltage Converter
More results

Descripción similar - LM2662M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com