Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2664M6X Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LM2664M6X
Descripción Electrónicos  LM2664 Switched Capacitor Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2664M6X Datasheet(HTML) 1 Page - Texas Instruments

  LM2664M6X Datasheet HTML 1Page - Texas Instruments LM2664M6X Datasheet HTML 2Page - Texas Instruments LM2664M6X Datasheet HTML 3Page - Texas Instruments LM2664M6X Datasheet HTML 4Page - Texas Instruments LM2664M6X Datasheet HTML 5Page - Texas Instruments LM2664M6X Datasheet HTML 6Page - Texas Instruments LM2664M6X Datasheet HTML 7Page - Texas Instruments LM2664M6X Datasheet HTML 8Page - Texas Instruments LM2664M6X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2664
SNVS005E – NOVEMBER 1999 – REVISED DECEMBER 2014
LM2664 Switched Capacitor Voltage Converter
1 Features
3 Description
The LM2664 CMOS charge-pump voltage converter
1
Inverts Input Supply Voltage
inverts a positive voltage in the range of 1.8 V to 5.5
6-Pin SOT-23 Package
V to the corresponding negative voltage of
−1.8 V to
12-
Ω Typical Output Impedance
−5.5 V. The device uses two low-cost capacitors to
provide up to 40 mA of output current.
91% Typical Conversion Efficiency at 40 mA
1-µA Typical Shutdown Current
The LM2664 operates at 160-kHz oscillator frequency
to reduce output resistance and voltage ripple. With
an operating current of only 220 µA (operating
2 Applications
efficiency greater than 91% with most loads) and 1-
Cellular Phones
µA typical shutdown current, the LM2664 provides
Pagers
ideal performance for battery-powered systems.
PDAs
Device Information(1)
Operational Amplifier Power Suppliers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Interface Power Suppliers
LM2664
SOT-23 (6)
2.90 mm x 1.60 mm
Handheld Instruments
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
space
space
space
Voltage Inverter
5 V to
−10 V Converter
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - LM2664M6X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2664M6X NSC-LM2664M6X Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2664M6X TI-LM2664M6X Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results

Descripción similar - LM2664M6X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com