Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL-SF1008D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza TL-SF1008D
Descripción Electrónicos  8-Port 10/100M Desktop Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

TL-SF1008D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TL-SF1008D Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-SF1008D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Internet
External ADSL2+ Modem Router
TD-8810
10/100M
10/100/1000M
Up to 200Mbps full duplex bandwidth
capability for high speed data processing
Innovative energy-ecient technology
saves power up to 40%
Plug and play design simplies installation
Auto-MDI/MDIX eliminates the need for
crossover cables
IEEE 802.3x ow control provides reliable
data transfer
Auto negotiation ports provides smart
integration between 10Mbps and 100Mbps
hardware
www.tp-link.com
Features:
Specifications:
TL-SF1008D
10/100M Desktop Switch
Standards
Protocol
Interfaces
Switching Features
Forwarding Rate
Data Rate
LEDs
Transfer Method
Power Supply
Safety & Emission
Operating Temperature
Storage Temperature
Operating Humidity
Storage Humidity
Dimensions(L x W x H)
IEEE 802.3, IEEE 802.3u, IEEE 802.3x
CSMA/CD
8 10/100Mbps, Auto-Negotiation, Auto MDI/MDIX
Half and Full Duplex
MAC Address Learning
1.6Gbps backplane bandwidth
10BASE-T: 14880pps/port
100BASE-TX: 148800pps/port
10/100Mbps at Half Duplex
20/200Mbps at Full Duplex
Power, 1, 2, 3, 4, 5, 6, 7, 8
Store-and-Forward
External Power Adapter
CE, FCC
0°C ~ 40°C (32°F ~ 104°F )
-40°C ~ 70°C (-40°F ~ 158°F )
10% ~ 90% RH non-condensing
5% ~ 90% RH non-condensing
5.5 x 3.4 x 1.1 in. (140 x 87 x 27.5 mm)
-
-
-
-
-
-
Package:
Related Products:
8-Port 10/100M Desktop Switch
TL-SF1008D
Power Adapter
User Guide
1-Port External ADSL2+ Modem Router
TD-8810
10/100M CardBus Network Adapter
TF-5239
10/100M PCI Network Adapter
TF-3200
Diagram:
Specifications are subject to change without notice. TP-LINK is a
registered trademark of TP-LINK Technologies Co., Ltd. Other brands
and product names are trademarks or registered trademarks of their
respective holders. No part of the specificationsmay be reproduced
in any form or by any means or used to make any derivative such as
translation, transformation, or adaptation without permission from
TP-LINK Technologies Co., Ltd.
Copyright © 2009 TP-LINK Technologies Co., Ltd. All rights reserved.
Desktop PC
Notebook PC
Sever
......
......
......
TF-3200 10/100M PCI Network Adapter
TF-5239 10/100M CardBus Network Adapter


Número de pieza similar - TL-SF1008D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TL-SF1008P ETC2-TL-SF1008P Datasheet
661Kb / 3P
   8-Port 10/100Mbps Desktop Switch with 4-Port PoE
More results

Descripción similar - TL-SF1008D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TL-SF1016D ETC2-TL-SF1016D Datasheet
477Kb / 2P
   16-Port 10/100M Desktop Switch
logo
Zarlink Semiconductor I...
ZL50408 ZARLINK-ZL50408 Datasheet
1Mb / 132P
   Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
ZL50410 ZARLINK-ZL50410 Datasheet
1Mb / 138P
   Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
logo
List of Unclassifed Man...
MTD508 ETC-MTD508 Datasheet
439Kb / 19P
   8-Port 10M/100M Ethernet Switch
Rev.1.3 December 2001
TL-SF1008P ETC2-TL-SF1008P Datasheet
661Kb / 3P
   8-Port 10/100Mbps Desktop Switch with 4-Port PoE
logo
Zarlink Semiconductor I...
ZL50407 ZARLINK-ZL50407 Datasheet
1Mb / 125P
   Lightly Managed/Unmanaged 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
ZL50409 ZARLINK-ZL50409 Datasheet
1Mb / 135P
   Managed 9-Port 10/100M Ethernet Switch
logo
List of Unclassifed Man...
ADM6308 ETC-ADM6308 Datasheet
190Kb / 17P
   Eight-port 10/100M Ethernet Switch Controller
TL-SF1005D ETC2-TL-SF1005D Datasheet
1Mb / 2P
   5-Port 10/100Mbps Desktop Switch
TL-SG1005D ETC2-TL-SG1005D Datasheet
1Mb / 3P
   5/8-Port Gigabit Desktop Switch
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com