Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3203 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza LM3203
Descripción Electrónicos  LM3203 Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3203 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3203_15 Datasheet HTML 2Page - Texas Instruments LM3203_15 Datasheet HTML 3Page - Texas Instruments LM3203_15 Datasheet HTML 4Page - Texas Instruments LM3203_15 Datasheet HTML 5Page - Texas Instruments LM3203_15 Datasheet HTML 6Page - Texas Instruments LM3203_15 Datasheet HTML 7Page - Texas Instruments LM3203_15 Datasheet HTML 8Page - Texas Instruments LM3203_15 Datasheet HTML 9Page - Texas Instruments LM3203_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
JUNCTION TEMPERATURE (
oC)
-40 -20
0
20
40
60
80 100 120 140
0.1
0.3
0.5
0.7
0.9
VIN = 2.7V
EN = 0V
VCON = 0V
FB = SW = 0V
VIN = 4.2V
VIN = 3.6V
VIN = 5.5V
LM3203
SNVS355D – MAY 2005 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
(Circuit in Figure 31, PVIN = VDD = EN = 3.6V, BYP = 0V, TA = 25°C, unless otherwise noted)
Quiescent Current
Shutdown Current
vs
vs
Supply Voltage
Temperature
(VCON = 0.267V, FB = 2V, No Load)
(EN = 0V)
Figure 3.
Figure 4.
Switching Frequency Variation
Output Voltage
vs
vs
Temperature
Supply Voltage
(VOUT = 1.5V, IOUT = 200 mA)
(VOUT = 1.5V, VCON = 0.5V)
Figure 5.
Figure 6.
Output Voltage
Output Voltage
vs
vs
Temperature
Temperature
(VIN = 3.6V, VOUT = 1.5V, VCON = 0.5V)
(VIN = 4.2V, VOUT = 3.4V, VCON = 1.13V)
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3203


Número de pieza similar - LM3203_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
More results

Descripción similar - LM3203_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
[Old version datasheet]   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
National Semiconductor ...
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com