Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2842YQMKX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2842YQMKX/NOPB
Descripción Electrónicos  Input Step-Down DC/DC Regulator in Thin SOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2842YQMKX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2842YQMKX/NOPB Datasheet HTML 5Page - Texas Instruments LM2842YQMKX/NOPB Datasheet HTML 6Page - Texas Instruments LM2842YQMKX/NOPB Datasheet HTML 7Page - Texas Instruments LM2842YQMKX/NOPB Datasheet HTML 8Page - Texas Instruments LM2842YQMKX/NOPB Datasheet HTML 9Page - Texas Instruments LM2842YQMKX/NOPB Datasheet HTML 10Page - Texas Instruments LM2842YQMKX/NOPB Datasheet HTML 11Page - Texas Instruments LM2842YQMKX/NOPB Datasheet HTML 12Page - Texas Instruments LM2842YQMKX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
FB
GND
SW
CB
SHDN
LM2840/1/2-ADJL
3.3V OUT
4.5V to 42V IN
D1
MA2YD26
R1
3.4k
R2
1.02k
CBOOT
VIN
CIN
2.2 PF
0.1 PF
L1
15 PH
COUT
10 PF
LM2841, LM2842
www.ti.com
SNVS540H – MARCH 2009 – REVISED APRIL 2013
SCHOTTKY DIODE
The breakdown voltage rating of the diode (D1) is preferred to be 25% higher than the maximum input voltage.
The current rating for the diode should be equal to the maximum output current for best reliability in most
applications. In cases where the duty cycle is greater than 50%, the average diode current is lower. In this case it
is possible to use a diode with a lower average current rating, approximately (1-D)IOUT, however the peak current
rating should be higher than the maximum load current. A 0.5A to 1A rated diode is a good starting point.
LAYOUT CONSIDERATIONS
To reduce problems with conducted noise pick up, the ground side of the feedback network should be connected
directly to the GND pin with its own connection. The feedback network, resistors R1 and R2, should be kept
close to the FB pin, and away from the inductor to minimize coupling noise into the feedback pin. The input
bypass capacitor CIN must be placed close to the VIN pin. This will reduce copper trace resistance which effects
input voltage ripple of the IC. The inductor L1 should be placed close to the SW pin to reduce EMI and capacitive
coupling. The output capacitor, COUT should be placed close to the junction of L1 and the diode D1. The L1, D1,
and COUT trace should be as short as possible to reduce conducted and radiated noise and increase overall
efficiency. The ground connection for the diode, CIN, and COUT should be as small as possible and tied to the
system ground plane in only one spot (preferably at the COUT ground point) to minimize conducted noise in the
system ground plane. For more detail on switching power supply layout considerations see Application Note AN-
1149: Layout Guidelines for Switching Power Supplies SNVA021.
Application Information
Figure 14. Application Circuit, 3.3V Output @ 100 mA
Table 1. Some Recommended Inductors (Others May Be Used)
Manufacturer
Inductor
Contact Information
Coilcraft
LPS4018, DO1608C, DO3308, and LPO2506 series
www.coilcraft.com
800-3222645
MuRata
LQH55D and LQH66S series
www.murata.com
Coiltronics
MP2 and MP2A series
www.cooperbussman.com
Table 2. Some Recommended Input And Output Capacitors (Others May Be Used)
Manufacturer
Capacitor
Contact Information
Vishay Sprague
293D, 592D, and 595D series tantalum
www.vishay.com
407-324-4140
Taiyo Yuden
High capacitance MLCC ceramic
www.t-yuden.com
408-573-4150
ESRD seriec Polymer Aluminum Electrolytic
Cornell Dubilier
www.cde.com
SPV and AFK series V-chip series
MuRata
High capacitance MLCC ceramic
www.murata.com
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2841 LM2842


Número de pieza similar - LM2842YQMKX/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2842YQMKX/NOPB TI1-LM2842YQMKX/NOPB Datasheet
845Kb / 19P
[Old version datasheet]   LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
More results

Descripción similar - LM2842YQMKX/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com