Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3668-Q1 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM3668-Q1
Descripción Electrónicos  1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3668-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3668-Q1 Datasheet HTML 7Page - Texas Instruments LM3668-Q1 Datasheet HTML 8Page - Texas Instruments LM3668-Q1 Datasheet HTML 9Page - Texas Instruments LM3668-Q1 Datasheet HTML 10Page - Texas Instruments LM3668-Q1 Datasheet HTML 11Page - Texas Instruments LM3668-Q1 Datasheet HTML 12Page - Texas Instruments LM3668-Q1 Datasheet HTML 13Page - Texas Instruments LM3668-Q1 Datasheet HTML 14Page - Texas Instruments LM3668-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
VOUT (Target)
Buck
or
Boost
Boost
Buck
Region I
Region II
Region III
VIN
dV1 - VOUT (TARGET)
VOUT (TARGET) + dV2
High PFM Threshold
~1.016*Vout
Low1 PFM Threshold
~1.008*Vout
PFM Mode at Light Load
PWM Mode at
Moderate to Heavy
Loads
Inductor
Current
Ramp up
Inductor
current ramp
down
until
I inductor=0
High PFM
Voltage
Threshold
reached,
go into
Low power
mode, both
switches are off
Low PFM
Threshold,
turn on
Current load
increases,
draws Vout
towards
Low2 PFM
Threshold
Low2 PFM Threshold,
switch back to PWMmode
Load current
increases
Low2 PFM Threshold
Vout
LM3668-Q1
www.ti.com
SNVSA84A – APRIL 2015 – REVISED MAY 2015
Device Functional Modes (continued)
Figure 9. PFM to PWM Mode Transition
In addition to the auto mode transition, the LM3668-Q1 operates in PFM Buck or PFM Boost based on the
following conditions. There is a small delta (approximately 500 mV) known as dv1 (approximately 200 mV) and
dv2 (approximately 300 mV) when VOUT_TARGET is very close to VIN where the device can be in either Buck or
Boost mode. For example, when VOUT_TARGET = 5 V and VIN is between 4.5 V and 5.5 V, the LM3668-Q1 can be
in either mode depending on the VIN vs VOUT_TARGET.
Region I: If VIN < VOUT_TARGET – dv1, the regulator operates in Boost mode.
Region II: If VOUT_TARGET – dv1 < VIN < VOUT_TARGET+ dv2 ,the regulator operates in either Buck or Boost
mode.
Region III: If VIN > VOUT_TARGET + dv2, the regulator operates in Buck mode.
Figure 10. VOUT vs VIN Transition
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3668-Q1


Número de pieza similar - LM3668-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI1-LM3668 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 TI-LM3668 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
More results

Descripción similar - LM3668-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
   2 A, high efficiency single inductor buck-boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com