Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3671-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3671-Q1
Descripción Electrónicos  LM3671/-Q1 2-MHz, 600-mA Step-Down DC-DC Converter6
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3671-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3671-Q1 Datasheet HTML 3Page - Texas Instruments LM3671-Q1 Datasheet HTML 4Page - Texas Instruments LM3671-Q1 Datasheet HTML 5Page - Texas Instruments LM3671-Q1 Datasheet HTML 6Page - Texas Instruments LM3671-Q1 Datasheet HTML 7Page - Texas Instruments LM3671-Q1 Datasheet HTML 8Page - Texas Instruments LM3671-Q1 Datasheet HTML 9Page - Texas Instruments LM3671-Q1 Datasheet HTML 10Page - Texas Instruments LM3671-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
-10
10
30
50
70
90
110
TEMPERATURE (
oC)
100
150
200
250
300
350
400
450
500
550
600
-30
NFET
VIN = 4.5V
PFET
VIN = 2.7V
VIN = 4.5V
VIN = 3.6V
VIN = 3.6V
VIN = 2.7V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
10
12
14
16
18
20
2.5
TA = 85°C
EN = VIN
IOUT = 0 mA
TA = 25°C
TA = -30°C
-10
10
30
50
70
90
TEMPERATURE (°C)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-30
EN = GND
VIN = 3.6V
VIN = 2.7V
VIN = 5.5V
LM3671, LM3671-Q1
www.ti.com
SNVS294R – NOVEMBER 2004 – REVISED NOVEMBER 2014
6.8 Typical Characteristics
LM3671MF/TL/LC, Circuit of Typical Application Circuit: Fixed-Voltage, VIN = 3.6 V, VOUT = 1.5 V, TA = 25°C, unless otherwise
noted.
Figure 2. Shutdown Current vs. Temp
Figure 1. Quiescent Supply Current vs. Supply Voltage
Figure 3. Feedback Bias Current vs. Temp
Figure 4. Switching Frequency vs. Temperature
Figure 5. RDS(ON) vs. Temperature
Figure 6. Open/Closed Loop Current Limit vs. Temperature
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3671 LM3671-Q1


Número de pieza similar - LM3671-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671 NSC-LM3671 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671LC-1.2 NSC-LM3671LC-1.2 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671LC-1.2/NOPB TI1-LM3671LC-1.2/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

Descripción similar - LM3671-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Texas Instruments
LM3676 TI-LM3676_15 Datasheet
3Mb / 25P
[Old version datasheet]   2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
LM3673 TI-LM3673_15 Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
LM3674 TI-LM3674_15 Datasheet
4Mb / 26P
[Old version datasheet]   LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
logo
Analog Devices
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
   600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com