Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM34910 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM34910
Descripción Electrónicos  High Voltage (40V, 1.25A) Step Down Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM34910 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM34910 Datasheet HTML 2Page - Texas Instruments LM34910 Datasheet HTML 3Page - Texas Instruments LM34910 Datasheet HTML 4Page - Texas Instruments LM34910 Datasheet HTML 5Page - Texas Instruments LM34910 Datasheet HTML 6Page - Texas Instruments LM34910 Datasheet HTML 7Page - Texas Instruments LM34910 Datasheet HTML 8Page - Texas Instruments LM34910 Datasheet HTML 9Page - Texas Instruments LM34910 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
FS =
VOUT
2 x L1 x 1.18 x 1020
RL x (RON)
2
DC =
tON
tON + tOFF
=
VOUT
VIN
FS =
VOUT
1.3 x 10
-10 x R
ON
LM34910
SNVS297B – OCTOBER 2004 – REVISED MARCH 2013
www.ti.com
Functional Description
The LM34910 Step Down Switching Regulator features all the functions needed to implement a low cost, efficient
buck bias power converter capable of supplying 1.25A to the load. This high voltage regulator contains a 40V N-
Channel buck switch, is easy to implement, and is available in the thermally enhanced WSON-10 package. The
regulator’s operation is based on a hysteretic control scheme, and uses an on-time control which varies inversely
with VIN. This feature allows the operating frequency to remain relatively constant with load and input voltage
variations. The hysteretic control requires no loop compensation resulting in very fast load transient response.
The valley current limit detection circuit, internally set at 1.25A, holds the buck switch off until the high current
level subsides. The functional block diagram is shown in Typical Application Circuit and Block Diagram.
The LM34910 can be applied in numerous applications to efficiently regulate down higher voltages. Additional
features include: Thermal shutdown, VCC under-voltage lockout, gate drive under-voltage lockout, and maximum
duty cycle limiter.
Hysteretic Control Circuit Overview
The LM34910 buck DC-DC regulator employs a control scheme based on a comparator and a one-shot on-timer,
with the output voltage feedback (FB) compared to an internal reference (2.5V). If the FB voltage is below the
reference the buck switch is turned on for a time period determined by the input voltage and a programming
resistor (RON). Following the on-time the switch remains off for a minimum of 280 ns, and until the FB voltage
falls below the reference. The buck switch then turns on for another on-time period. Typically, during start-up, or
when the load current increases suddenly, the off-times are at the minimum of 280 ns. Once regulation is
established, the off-times are longer.
When in regulation, the LM34910 operates in continuous conduction mode at heavy load currents and
discontinuous conduction mode at light load currents. In continuous conduction mode current always flows
through the inductor, never reaching zero during the off-time. In this mode the operating frequency remains
relatively constant with load and line variations. The minimum load current for continuous conduction mode is
one-half the inductor’s ripple current amplitude. The operating frequency is approximately:
(1)
The buck switch duty cycle is equal to :
(2)
In discontinuous conduction mode current through the inductor ramps up from zero to a peak during the on-time,
then ramps back to zero before the end of the off-time. The next on-time period starts when the voltage at FB
falls below the reference - until then the inductor current remains zero, and the load current is supplied by the
output capacitor (C2). In this mode the operating frequency is lower than in continuous conduction mode, and
varies with load current. Conversion efficiency is maintained at light loads since the switching losses reduce with
the reduction in load and frequency. The approximate discontinuous operating frequency can be calculated as
follows:
where
RL = the load resistance
(3)
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM34910


Número de pieza similar - LM34910

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910 TI1-LM34910 Datasheet
874Kb / 17P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910CSD NSC-LM34910CSD Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
More results

Descripción similar - LM34910

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com