Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR12010 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LMR12010
Descripción Electrónicos  SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMR12010 Datasheet(HTML) 4 Page - Texas Instruments

  LMR12010_15 Datasheet HTML 1Page - Texas Instruments LMR12010_15 Datasheet HTML 2Page - Texas Instruments LMR12010_15 Datasheet HTML 3Page - Texas Instruments LMR12010_15 Datasheet HTML 4Page - Texas Instruments LMR12010_15 Datasheet HTML 5Page - Texas Instruments LMR12010_15 Datasheet HTML 6Page - Texas Instruments LMR12010_15 Datasheet HTML 7Page - Texas Instruments LMR12010_15 Datasheet HTML 8Page - Texas Instruments LMR12010_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LMR12010
SNVS731A – SEPTEMBER 2011 – REVISED SEPTEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Specifications with standard typeface are for TJ = 25°C, and those in boldface type apply over the full Operating
Temperature Range (TJ = -40°C to 125°C). VIN = 5V, VBOOST - VSW = 5V unless otherwise specified. Datasheet min/max
specification limits are specified by design, test, or statistical analysis.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
LMR12010X
2
DMIN
Minimum Duty Cycle
%
LMR12010Y
8
RDS(ON)
Switch ON Resistance
VBOOST - VSW = 3V
300
600
m
ICL
Switch Current Limit
VBOOST - VSW = 3V
1.2
1.7
2.5
A
IQ
Quiescent Current
Switching
1.5
2.5
mA
Quiescent Current (shutdown)
VEN = 0V
30
nA
LMR12010X (50% Duty Cycle)
2.5
3.5
IBOOST
Boost Pin Current
mA
LMR12010Y (50% Duty Cycle)
4.25
6.0
Shutdown Threshold Voltage
VEN Falling
0.4
VEN_TH
V
Enable Threshold Voltage
VEN Rising
1.8
IEN
Enable Pin Current
Sink/Source
10
nA
ISW
Switch Leakage
40
nA
4
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LMR12010


Número de pieza similar - LMR12010_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
More results

Descripción similar - LMR12010_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR12010 TI1-LMR12010 Datasheet
381Kb / 18P
[Old version datasheet]   LMR12010 SIMPLE SWITCHER 짰 20Vin, 1A Step-Down Voltage Regulator in
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LMR14206XMK TI-LMR14206XMK Datasheet
817Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI1-LMR14206XMK Datasheet
841Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
   SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com