Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR12010 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMR12010
Descripción Electrónicos  SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMR12010 Datasheet(HTML) 1 Page - Texas Instruments

  LMR12010 Datasheet HTML 1Page - Texas Instruments LMR12010 Datasheet HTML 2Page - Texas Instruments LMR12010 Datasheet HTML 3Page - Texas Instruments LMR12010 Datasheet HTML 4Page - Texas Instruments LMR12010 Datasheet HTML 5Page - Texas Instruments LMR12010 Datasheet HTML 6Page - Texas Instruments LMR12010 Datasheet HTML 7Page - Texas Instruments LMR12010 Datasheet HTML 8Page - Texas Instruments LMR12010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LMR12010
VIN
VIN
EN
BOOST
SW
FB
GND
VOUT
C3
L1
C1
C2
R1
R2
D1
D2
ON
OFF
LMR12010
www.ti.com
SNVS731A – SEPTEMBER 2011 – REVISED SEPTEMBER 2011
LMR12010 SIMPLE SWITCHER® 20Vin, 1A Step-Down Voltage Regulator in SOT-23
Check for Samples: LMR12010
1
FEATURES
DESCRIPTION
The LMR12010 regulator is a monolithic, high
23
Input Voltage Range of 3V to 20V
frequency, PWM step-down DC/DC converter in a 6-
Output Voltage Range of 0.8V to 17V
pin Thin SOT-23 package. It provides all the active
Output Current Up to 1A
functions to provide local DC/DC conversion with fast
transient response and accurate regulation in the
1.6MHz (LMR12010X) and 3 MHz (LMR12010Y)
smallest possible PCB area.
Switching Frequencies
With a minimum of external components and online
Low Shutdown Iq, 30 nA Typical
design support through WEBENCH, the LMR12010 is
Internal Soft-start
easy to use. The ability to drive 1A loads with an
Internally Compensated
internal 300m
Ω NMOS switch using state-of-the-art
Current-Mode PWM Operation
0.5µm BiCMOS technology results in the best power
density available. The world class control circuitry
Thermal Shutdown
allows for on-times as low as 13ns, thus supporting
Thin SOT-23-6 Package (2.97 x 1.65 x 1mm)
exceptionally high frequency conversion over the
Fully Enabled for WEBENCH® Power Designer
entire 3V to 20V input operating range down to the
minimum output voltage of 0.8V. Switching frequency
is internally set to 1.6 MHz (LMR12010X) or 3 MHz
APPLICATIONS
(LMR12010Y), allowing the use of extremely small
Point-of-Load Conversions from 3.3V, 5V, and
surface mount inductors and chip capacitors. Even
12V Rails
though the operating frequencies are very high,
Space Constrained Applications
efficiencies up to 90% are easy to achieve. External
shutdown is included, featuring an ultra-low stand-by
Battery Powered Equipment
current of 30nA. The LMR12010 utilizes current-mode
Industrial Distributed Power Applications
control and internal compensation to provide high-
Power Meters
performance
regulation
over
a
wide
range
of
operating
conditions.
Additional
features
include
Portable Hand-Held Instruments
internal soft-start circuitry to reduce inrush current,
pulse-by-pulse current limit, thermal shutdown, and
PERFORMANCE BENEFITS
output over-voltage protection.
Extremely Easy to Use
Tiny Overall Solution Reduces System Cost
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, WEBENCH are registered trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LMR12010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LMR12010 TI1-LMR12010 Datasheet
381Kb / 18P
[Old version datasheet]   LMR12010 SIMPLE SWITCHER 짰 20Vin, 1A Step-Down Voltage Regulator in
LMR12010 TI1-LMR12010 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR12010XMK NSC-LMR12010XMK Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LMR12010XMK TI1-LMR12010XMK Datasheet
381Kb / 18P
[Old version datasheet]   LMR12010 SIMPLE SWITCHER 짰 20Vin, 1A Step-Down Voltage Regulator in
More results

Descripción similar - LMR12010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR12010 TI1-LMR12010 Datasheet
381Kb / 18P
[Old version datasheet]   LMR12010 SIMPLE SWITCHER 짰 20Vin, 1A Step-Down Voltage Regulator in
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LMR14206XMK TI-LMR14206XMK Datasheet
817Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI1-LMR14206XMK Datasheet
841Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
   SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com