Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR70503 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMR70503
Descripción Electrónicos  SIMPLE SWITCHER Buck-Boost Converter For Negative Output Voltage in
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMR70503 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMR70503 Datasheet HTML 7Page - Texas Instruments LMR70503 Datasheet HTML 8Page - Texas Instruments LMR70503 Datasheet HTML 9Page - Texas Instruments LMR70503 Datasheet HTML 10Page - Texas Instruments LMR70503 Datasheet HTML 11Page - Texas Instruments LMR70503 Datasheet HTML 12Page - Texas Instruments LMR70503 Datasheet HTML 13Page - Texas Instruments LMR70503 Datasheet HTML 14Page - Texas Instruments LMR70503 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Switching
frequency
Peak Inductor
Current
IPEAK-MAX
Dummy Load
0
Load current
Const Frequency
(2)
Const Peak Current
(3)
Ton-min
(1)
FSW-MIN
|VOUT|
0
0
0
Load current
Load current
Load current
LMR70503
www.ti.com
SNVS850A – JUNE 2012 – REVISED APRIL 2013
Figure 31. The LMR70503 Operation Modes vs. Load Current
Minimum Switching Frequency Operation
In a typical peak current mode controlled DC-DC converter, the peak current limit is constant and the switching
frequency decreases when load current reduces. To maintain low noise operation and avoid audio frequency
interference, the minimum switching frequency of the LMR70503 is limited at 500 kHz typically. At heavy load,
the peak current limit remains constant and the switching frequency varies with the load to regulate the output
voltage. With reduced loading, the absolute output voltage is going to be charged higher than regulation if the
switching frequency cannot decrease accordingly. Therefore, to regulate the output voltage with minimum
frequency at light load, the peak current limit is reduced, in proportional to the output voltage offset.
In this mode, as shown in Figure 31, the switching frequency is fixed to the minimum switching frequency, the
peak inductor current increases with load current, and the output voltage magnitude has a small offset above
regulation.
Minimum ON-Time and Dummy Load
When load current is near zero, the peak inductor current can not reduce further due to TON-MIN of the high side
switch. Under such conditions, an internal dummy load is turned on by sensing excessive output voltage offset,
which removes the extra charge from the output capacitor(s). In this condition, the switching frequency is fixed to
the minimum value. The peak inductor current value is at its minimum value, as shown in Figure 31. The dummy
load current is zero when the LMR70503 operates with on time higher than TON-MIN.
The minimum peak inductor current is determined by
IPEAK-MIN = TON-MIN × VIN / L
where
VIN is the supply voltage
L is the inductance value
(1)
The peak inductor current is higher with higher VIN. The inductor current falling slew rate is determined by
SRFALLING = (|VOUT| + VF) / L
where
|VOUT| is the absolute value of the output voltage
VF is the forward voltage drop of the power diode
(2)
At lower |VOUT|, it takes longer time to discharge the inductor current to zero. Therefore, there is more energy to
charge the output capacitor(s). The output voltage will have more offset at higher VIN and lower VOUT. The
dummy load current is a function of the FB voltage: the more the offset at the FB node, the higher the dummy
load current, as shown in Figure 32.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMR70503


Número de pieza similar - LMR70503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR70503 TI1-LMR70503 Datasheet
2Mb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 Buck-Boost Converter For Negative Output Voltage in 關SMD
LMR70503TMNOPB TI1-LMR70503TMNOPB Datasheet
2Mb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 Buck-Boost Converter For Negative Output Voltage in 關SMD
LMR70503TMXNOPB TI1-LMR70503TMXNOPB Datasheet
2Mb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 Buck-Boost Converter For Negative Output Voltage in 關SMD
More results

Descripción similar - LMR70503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR70503 TI1-LMR70503 Datasheet
2Mb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 Buck-Boost Converter For Negative Output Voltage in 關SMD
logo
STMicroelectronics
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
   Positive to negative buck-boost converter
STEVAL-ILL079V1 STMICROELECTRONICS-STEVAL-ILL079V1 Datasheet
235Kb / 4P
   Negative buck-boost topology
March 2016 Rev 1
logo
National Semiconductor ...
LM2698 NSC-LM2698 Datasheet
503Kb / 17P
   SIMPLE SWITCHER 1.35A Boost Regulator
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
National Semiconductor ...
LMZ14202H NSC-LMZ14202H Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com