Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33063A-Q1 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza MC33063A-Q1
Descripción Electrónicos  MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

MC33063A-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  MC33063A-Q1_15 Datasheet HTML 1Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 2Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 3Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 4Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 5Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 6Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 7Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 8Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MC33063A-Q1
SLLS654C – APRIL 2005 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
7.1
Overview ................................................................... 7
1
Features .................................................................. 1
7.2
Functional Block Diagram ......................................... 7
2
Applications ........................................................... 1
7.3
Feature Description................................................... 7
3
Description ............................................................. 1
7.4
Device Functional Modes.......................................... 9
4
Revision History..................................................... 2
8
Application and Implementation ........................ 10
5
Pin Configuration and Functions ......................... 3
8.1
Application Information .......................................... 10
6
Specifications......................................................... 4
8.2
Typical Applications ............................................... 10
6.1
Absolute Maximum Ratings ...................................... 4
9
Power Supply Recommendations ...................... 18
6.2
ESD Ratings.............................................................. 4
10
Layout................................................................... 19
6.3
Recommended Operating Conditions ....................... 4
10.1
Layout Guidelines ................................................. 19
6.4
Thermal Information .................................................. 4
10.2
Layout Example .................................................... 19
6.5
Oscillator Characteristics .......................................... 5
11
Device and Documentation Support ................. 22
6.6
Output Switch Characteristics ................................... 5
11.1
Trademarks ........................................................... 22
6.7
Comparator Characteristics ...................................... 5
11.2
Electrostatic Discharge Caution ............................ 22
6.8
Total Device Characteristics ..................................... 5
11.3
Glossary ................................................................ 22
6.9
Typical Characteristics .............................................. 6
12
Mechanical, Packaging, and Orderable
7
Detailed Description .............................................. 7
Information ........................................................... 22
4 Revision History
Changes from Revision B (September 2008) to Revision C
Page
Added the ESD Ratings table, Feature Description section, Device Functional Modes section, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section ............................................................... 1
2
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: MC33063A-Q1


Número de pieza similar - MC33063A-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
More results

Descripción similar - MC33063A-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com