Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL499A Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TL499A
Descripción Electrónicos  WIDE-RANGE POWER-SUPPLY CONTROLLERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL499A Datasheet(HTML) 1 Page - Texas Instruments

  TL499A_15 Datasheet HTML 1Page - Texas Instruments TL499A_15 Datasheet HTML 2Page - Texas Instruments TL499A_15 Datasheet HTML 3Page - Texas Instruments TL499A_15 Datasheet HTML 4Page - Texas Instruments TL499A_15 Datasheet HTML 5Page - Texas Instruments TL499A_15 Datasheet HTML 6Page - Texas Instruments TL499A_15 Datasheet HTML 7Page - Texas Instruments TL499A_15 Datasheet HTML 8Page - Texas Instruments TL499A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TL499A
WIDE-RANGE POWER-SUPPLY CONTROLLERS
SLVS029G – JANUARY 1984 – REVISED SEPTEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Internal Series-Pass and Step-Up Switching
Regulator
D Output Adjustable From 2.9 V to 30 V
D 1-V to 10-V Input for Switching Regulator
D 4.5-V to 32-V Input for Series Regulator
D Externally Controlled Switching Current
D No External Rectifier Required
description
The TL499A is an integrated circuit designed to provide a wide range of adjustable regulated supply voltages.
The regulated output voltage can be varied from 2.9 V to 30 V by adjusting two external resistors. When the
TL499A is ac-coupled to line power through a step-down transformer, it operates as a series dc voltage regulator
to maintain the regulated output voltage. With the addition of a battery from 1.1 V to 10 V, an inductor, a filter
capacitor, and two resistors, the TL499A operates as a step-up switching regulator during an ac-line failure.
The adjustable regulated output voltage makes the TL499A useful for a wide range of applications. Providing
backup power during an ac-line failure makes the TL499A extremely useful in microprocessor memory
applications.
The TL499AC is characterized for operation from –20
°C to 85°C.
AVAILABLE OPTIONS
TA
PLASTIC DIP
(P)
PLASTIC
SMALL-OUTLINE
(PS)
–20
°C to 85°C
TL499ACP
TL499ACPS
The PS package is available taped and reeled. Add the
suffix R to device type (e.g., TL499ACPSR).
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
SERIES IN1
REF
SW REG IN2
SW CURRENT CTRL
OUTPUT
GND (PWR)
SW IN
GND
P OR PS PACKAGE
(TOP VIEW)


Número de pieza similar - TL499A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL499ACP TI-TL499ACP Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACP TI-TL499ACP Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACP TI1-TL499ACP Datasheet
843Kb / 19P
[Old version datasheet]   Wide-Range Power-Supply Controllers
TL499ACPE4 TI-TL499ACPE4 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACPE4 TI1-TL499ACPE4 Datasheet
843Kb / 19P
[Old version datasheet]   Wide-Range Power-Supply Controllers
More results

Descripción similar - TL499A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
[Old version datasheet]   Wide-Range Power-Supply Controllers
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
   Wide power supply voltage range
logo
STMicroelectronics
AN1842 STMICROELECTRONICS-AN1842 Datasheet
823Kb / 17P
   60W WIDE-RANGE POWER SUPPLY
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com