Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL497ACNE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL497ACNE4
Descripción Electrónicos  500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL497ACNE4 Datasheet(HTML) 4 Page - Texas Instruments

  TL497ACNE4 Datasheet HTML 1Page - Texas Instruments TL497ACNE4 Datasheet HTML 2Page - Texas Instruments TL497ACNE4 Datasheet HTML 3Page - Texas Instruments TL497ACNE4 Datasheet HTML 4Page - Texas Instruments TL497ACNE4 Datasheet HTML 5Page - Texas Instruments TL497ACNE4 Datasheet HTML 6Page - Texas Instruments TL497ACNE4 Datasheet HTML 7Page - Texas Instruments TL497ACNE4 Datasheet HTML 8Page - Texas Instruments TL497ACNE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TL497A
500mA PEAK STEPUP, STEPDOWN, INVERTING SWITCHING VOLTAGE REGULATOR
SLVS009F − JUNE 1976 − REVISED FEBRUARY 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, VCC = 6 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TL497AC
TL497AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
High-level input current, INHIBIT
VI(I) = 5 V
Full range
0.8
1.5
0.8
1.5
mA
Low-level input current, INHIBIT
VI(I) = 0 V
Full range
5
10
5
20
µA
Comparator reference voltage
VI = 4.5 V to 6 V
Full range
1.08
1.2
1.32
1.14
1.2
1.26
V
Comparator input bias current
VI = 6 V
Full range
40
100
40
100
µA
Switch on-state voltage
VI = 4.5 V
IO = 100 mA
25
°C
0.13
0.2
0.13
0.2
V
Switch on-state voltage
VI = 4.5 V
IO = 500 mA
Full range
0.85
1
V
Switch off-state current
VI = 4.5 V,
VO = 30 V
25
°C
10
50
10
50
A
Switch off-state current
VI = 4.5 V,
VO = 30 V
Full range
200
500
µA
Sense voltage, CUR LIM SENS
VI = 6 V
25
°C
0.45
1
0.45
1
V
IO = 10 mA
Full range
0.75
0.85
0.75
0.95
Diode forward voltage
IO = 100 mA
Full range
0.9
1
0.9
1.1
V
Diode forward voltage
IO = 500 mA
Full range
1.33
1.55
1.33
1.75
V
Diode reverse voltage
IO = 500 µA
Full range
30
V
Diode reverse voltage
IO = 200 µA
Full range
30
V
On-state supply current
25
°C
11
14
11
14
mA
On-state supply current
Full range
15
16
mA
Off-state supply current
25
°C
6
9
6
9
mA
Off-state supply current
Full range
10
11
mA
† Full range is 0°C to 70°C for the TL497AC and −40°C to 85°C for the TL497AI.
‡ All typical values are at TA = 25°C.
electrical characteristics over recommended operating conditions, VCC = 6 V, TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TL497AY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input current, INHIBIT
VI(I) = 5 V
0.8
mA
Low-level input current, INHIBIT
VI(I) = 0 V
5
µA
Comparator reference voltage
VI = 4.5 V to 6 V
1.2
V
Comparator input bias current
VI = 6 V
40
µA
Switch on-state voltage
VI = 4.5 V,
IO = 100 mA
0.13
V
Switch off-state current
VI = 4.5 V,
VO = 30 V
10
µA
IO = 10 mA
0.75
Diode forward voltage
IO = 100 mA
0.9
V
Diode forward voltage
IO = 500 mA
1.33
V
On-state supply current
11
mA
Off-state supply current
6
mA


Número de pieza similar - TL497ACNE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL497ACNE4 TI-TL497ACNE4 Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com