Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMD01612 Datasheet(PDF) 3 Page - PETERMANN-TECHNIK

No. de pieza SMD01612
Descripción Electrónicos  Ultra miniature size and light weight
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PETERMANN [PETERMANN-TECHNIK]
Página de inicio  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SMD01612 Datasheet(HTML) 3 Page - PETERMANN-TECHNIK

  SMD01612_15 Datasheet HTML 1Page - PETERMANN-TECHNIK SMD01612_15 Datasheet HTML 2Page - PETERMANN-TECHNIK SMD01612_15 Datasheet HTML 3Page - PETERMANN-TECHNIK SMD01612_15 Datasheet HTML 4Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3 OF 4
I SPEC 01 I REV.00 I April, 2015
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
ORDERING INFORMATION
EXAMPLE: SMD01612/4 40.000 MHz 10/15/-30+85/10pF
PLEASE INDICATE YOUR REQUIRED PARAMETERS
SMD01612/4 40.000 MHz 10/15/-30+85/10pF
SERIES
SMD01612/4
FREQUENCY
24.0 ~ 54.0 MHz
AT-Fundamental
FREQUENCY
TOLERANCE
AT 25°C
±10 ppm ~ ±50 ppm
LOAD CAPACITANCE
8 pF ~ 12 pF or Series
TEMPERATURE
RANGE
-10°/+60°C
-20°/+70°C
-30°/+85°C
TEMPERATURE
STABILITY
See Table
„FREQUENCY
STABILITY VS.
TEMPERATURE“


Número de pieza similar - SMD01612_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PETERMANN-TECHNIK
SMD01612-4 PETERMANN-SMD01612-4 Datasheet
78Kb / 1P
   TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD01612-4 PETERMANN-SMD01612-4_14 Datasheet
588Kb / 2P
   SMD QUARTZ CRYSTAL SERIES SMD01612
More results

Descripción similar - SMD01612_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DB Lectro Inc
NCT DBLECTRO-NCT Datasheet
116Kb / 2P
   Ultra small size, light weight.
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2C HUAXINAN-NVF4-2C Datasheet
1Mb / 1P
   Small size and light weight
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com