Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMD02016 Datasheet(PDF) 3 Page - PETERMANN-TECHNIK

No. de pieza SMD02016
Descripción Electrónicos  High reliability for low cost
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PETERMANN [PETERMANN-TECHNIK]
Página de inicio  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SMD02016 Datasheet(HTML) 3 Page - PETERMANN-TECHNIK

  SMD02016_15 Datasheet HTML 1Page - PETERMANN-TECHNIK SMD02016_15 Datasheet HTML 2Page - PETERMANN-TECHNIK SMD02016_15 Datasheet HTML 3Page - PETERMANN-TECHNIK SMD02016_15 Datasheet HTML 4Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3 OF 4
I SPEC 01 I REV.00 I MARCH 2015
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
ORDERING INFORMATION
EXAMPLE: SMD02016/4 40.000 MHz 10/15/-40+85/10pF
PLEASE INDICATE YOUR REQUIRED PARAMETERS
SMD02016/4 40.000 MHz 10/15/-40+85/10pF
SERIES
SMD02016/4
FREQUENCY
20.0 ~ 60.0 MHz
AT-Fundamental
FREQUENCY
TOLERANCE
AT 25°C
±10 PPM ~ ±50 PPM
LOAD CAPACITANCE
8 pF ~ 20 pF or Series
TEMPERATURE
RANGE
0°/+50°C
-10°/+60°C
0°/+70°C
-20°/+70°C
-40°/+85°C
TEMPERATURE
STABILITY
See Table
„FREQUENCY
STABILITY VS.
TEMPERATURE“


Número de pieza similar - SMD02016_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PETERMANN-TECHNIK
SMD02016-4 PETERMANN-SMD02016-4 Datasheet
75Kb / 2P
   TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD02016-4 PETERMANN-SMD02016-4_14 Datasheet
821Kb / 3P
   SMD QUARTZ CRYSTAL SERIES SMD02016
More results

Descripción similar - SMD02016_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PETERMANN-TECHNIK
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com