Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NJU6475B Datasheet(PDF) 1 Page - New Japan Radio

No. de pieza NJU6475B
Descripción Electrónicos  12-Character 4-Line Dot Matrix Low Power LCD Controller Driver with key Scan Function
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NJRC [New Japan Radio]
Página de inicio  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6475B Datasheet(HTML) 1 Page - New Japan Radio

  NJU6475B Datasheet HTML 1Page - New Japan Radio NJU6475B Datasheet HTML 2Page - New Japan Radio NJU6475B Datasheet HTML 3Page - New Japan Radio NJU6475B Datasheet HTML 4Page - New Japan Radio NJU6475B Datasheet HTML 5Page - New Japan Radio NJU6475B Datasheet HTML 6Page - New Japan Radio NJU6475B Datasheet HTML 7Page - New Japan Radio NJU6475B Datasheet HTML 8Page - New Japan Radio NJU6475B Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
NJU6475B
P R E L IM IN A R Y
12-Character 4-Line Dot Matrix Low Power
LCD Controller Driver with key Scan Function
GENERAL DESCRIPTION
PACKAGE OUTLINE
The NJU6475B is a Dot Matrix LCD Controller Driver for
12-character 4-line with Icon display in single chip. It contains
voltage converter, voltage regulator, bleeder resistance, CR
oscillator, instruction decoder, character generator ROM/RAM,
high voltage operation controller/driver and key scan circuit.
The voltage
converter generates (about 8V) from the
supply voltage (3V) and regulated by the regulator. The bias
level of LCD driving voltage is generated of high value bleeder
resistance and the buffer amplifier matches the
impedance. 16-step contrast control function is incorporated
for its adjustment. Therefore, simple power supply circuit and
NJU6475B
easy contrast adjustment are available. The complete CR
oscillator is incorporated without external components for
oscillation circuit. The microprocessor interface circuit which
operates by 1MHz, can be selected serial interface.
The character generator ROM consisting of 10,080bits stores
252 kinds of character Font.
Each 160bits CG RAM and Icon display RAM can story
4 kinds of special character to display on the dot matrix
display area or 128 kinds of Icon on the display area.
FEATURES
12-Character 4-Line Dot Matrix LCD Controller Driver
Maximum 128-Icon Display
Serial CPU Interface
Display Data RAM
- 48 x 8 Bits :Maximum 12-Character 4-Line Display
Character Generator ROM
- 10,080 Bits:252 Characters (5 x 8 Dots)
Character Generator RAM
- 32 x 5 Bits :4 Patterns (5 x 8 Dots)
Icon Display RAM
- 32 x 5 Bits :Maximum 128-Icon
High Voltage LCD Driver
: 37-Common/63-Segment
Duty & Bias Ratio
: 1/36 duty 1/7Bias
Useful Instruction Set
: Clear Display, Return Home, Display On/Off Control
Display Blink,Cursor Shift, Character Shift
Common and Segment Driver location Order Select Function (Mode-A, Mode-B)
Power On Reset Circuit On Chip
Hardware Reset
Voltage Regulator On Chip
Electrical Variable Resistance On Chip
32-key scan function (8 x 4 Matrix)
Oscillation circuit On Chip
Voltage Converter (Doubler,Tripler) On Chip
Bleeder Resistance On Chip
Low Oprating Current
Operating Voltage
- 2.4V to 3.6V (Except For LCD Driving Voltage)
Package Outline
- Bumped-Chip / TCP
C-MOS Technology


Número de pieza similar - NJU6475B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Japan Radio
NJU6470 NJRC-NJU6470 Datasheet
1Mb / 33P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER WITH KEYSCAN
NJU6470F NJRC-NJU6470F Datasheet
1Mb / 33P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER WITH KEYSCAN
More results

Descripción similar - NJU6475B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Japan Radio
NJU6520 NJRC-NJU6520 Datasheet
1Mb / 40P
   12-Character 4-Line Dot Matrix Low Power LCD Controller Driver with Smooth Scroll Function?
NJU6465 NJRC-NJU6465 Datasheet
1Mb / 42P
   12-CHARACTER 4-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6426 NJRC-NJU6426 Datasheet
1Mb / 44P
   8-CHARACTER 4-LINE WITH EXTENSION FUNCTION DOT MATRIX LCD CONTROLLER DRIVER?
NJU6620 NJRC-NJU6620 Datasheet
1Mb / 41P
   12-CHARACTER 4-LINE DOT MATRIX LCD CONTROLLER
NJU6624A NJRC-NJU6624A Datasheet
978Kb / 35P
   12-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER with SMOOTH SCROLL FUNCTION
NJU6461 NJRC-NJU6461 Datasheet
1Mb / 42P
   12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6467 NJRC-NJU6467 Datasheet
872Kb / 26P
   12-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6428 NJRC-NJU6428 Datasheet
1Mb / 44P
   12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6469 NJRC-NJU6469 Datasheet
1Mb / 41P
   12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER?
logo
Hitachi Semiconductor
HD66727 HITACHI-HD66727 Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com