Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCX52-16 Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza BCX52-16
Descripción Electrónicos  For AF driver and output stages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX52-16 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BCX52-16 Datasheet HTML 1Page - Infineon Technologies AG BCX52-16 Datasheet HTML 2Page - Infineon Technologies AG BCX52-16 Datasheet HTML 3Page - Infineon Technologies AG BCX52-16 Datasheet HTML 4Page - Infineon Technologies AG BCX52-16 Datasheet HTML 5Page - Infineon Technologies AG BCX52-16 Datasheet HTML 6Page - Infineon Technologies AG BCX52-16 Datasheet HTML 7Page - Infineon Technologies AG BCX52-16 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2011-07-29
7
BCX51...-BCX53...
Package SOT89
Reel ø180 mm = 1.000 Pieces/Reel
Reel ø330 mm = 4.000 Pieces/Reel
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
0.8
0.8
2.0
0.7
0.45
+0.2
1) Ejector pin markings possible
1.5
3
0.2
-0.1
B
0.25 ±0.05
45˚
0.15 M B
B
0.15
±0.1
0.35
1.5 ±0.1
±0.2
1.6
±0.1
4.5
x3
0.2 MAX.
1)
123
8
0.2
4.3
1.6
Pin 1
2005, June
Date code (YM)
BAW78D
Type code
Pin 1
Manufacturer


Número de pieza similar - BCX52-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BCX52-16 PHILIPS-BCX52-16 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Shanghai Leiditech Elec...
BCX52-16 LEIDITECH-BCX52-16 Datasheet
414Kb / 5P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCX52-16 SIEMENS-BCX52-16 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Rectron Semiconductor
BCX52-16 RECTRON-BCX52-16 Datasheet
265Kb / 6P
   TRANSISTOR (PNP)
logo
Infineon Technologies A...
BCX52-16 INFINEON-BCX52-16 Datasheet
141Kb / 5P
   PNP Silicon AF Transistors
Feb-10-2004
More results

Descripción similar - BCX52-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
First Silicon Co., Ltd
BCP55 FS-BCP55 Datasheet
533Kb / 5P
   For AF driver and output stages
logo
Infineon Technologies A...
BCP56-16E6327 INFINEON-BCP56-16E6327 Datasheet
827Kb / 7P
   For AF driver and output stages
2011-10-13
logo
Fairchild Semiconductor
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
BC847B-E6327 INFINEON-BC847B-E6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
logo
Siemens Semiconductor G...
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com