Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40077 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS40077
Descripción Electrónicos  HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40077 Datasheet(HTML) 2 Page - Texas Instruments

  TPS40077_15 Datasheet HTML 1Page - Texas Instruments TPS40077_15 Datasheet HTML 2Page - Texas Instruments TPS40077_15 Datasheet HTML 3Page - Texas Instruments TPS40077_15 Datasheet HTML 4Page - Texas Instruments TPS40077_15 Datasheet HTML 5Page - Texas Instruments TPS40077_15 Datasheet HTML 6Page - Texas Instruments TPS40077_15 Datasheet HTML 7Page - Texas Instruments TPS40077_15 Datasheet HTML 8Page - Texas Instruments TPS40077_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
TPS40077
SLUS714D – JANUARY 2007 – REVISED APRIL 2009 ..................................................................................................................................................... www.ti.com
The TPS40077 drives external N-channel MOSFETs using second-generation, predictive-gate drive to minimize
conduction in the body diode of the low-side FET and maximize efficiency. Pre-biased outputs are supported by
not allowing the low-side FET to turn on until the voltage commanded by the closed-loop soft start is greater than
the pre-bias voltage. Voltage feed-forward provides good response to input transients and provides a constant
PWM gain over a wide input-voltage operating range to ease compensation requirements. Programmable
short-circuit protection provides fault-current limiting and hiccup recovery to minimize power dissipation with a
shorted output. The 16-pin PowerPAD package gives good thermal performance and a compact footprint.
ORDERING INFORMATION
PACKAGE
ORDERABLE PART NUMBER
Plastic HTSSOP (PWP)
Tube
TPS40077PWP
Plastic HTSSOP (PWP)
Tape and reel
TPS40077PWPR
over operating free-air temperature range unless otherwise noted
(1)
TPS40077
UNIT
VDD, ILIM
30
COMP, FB, KFF, PGD, LVBP
–0.3 to 6
VVDD
Input voltage range
V
SW
–0.3 to 40
SW, transient < 50 ns
–2.5
COMP, KFF, RT, SS
–0.3 to 6
VBOOST
50
VOUT
Output voltage range
V
DBP
10.5
LVBP
6
Output current source
LDRV, HDRV
1.5
IOUT
LDRV, HDRV
2
A
Output current sink
KFF
10
RT
1
Output current
mA
LVBP
1.5
TJ
Operating junction temperature range
–40 to 125
Tstg
Storage temperature
–55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VDD
Input voltage
4.5
28
V
TA
Operating free-air temperature
–40
85
°C
UNIT
Human body model (HBM)
2000
V
Charged device model (CDM)
1500
V
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS40077


Número de pieza similar - TPS40077_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40077PWP TI-TPS40077PWP Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWP TI-TPS40077PWP Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWPG4 TI-TPS40077PWPG4 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWPR TI-TPS40077PWPR Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWPR TI-TPS40077PWPR Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Descripción similar - TPS40077_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com