Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40090 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS40090
Descripción Electrónicos   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40090 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40090_15 Datasheet HTML 3Page - Texas Instruments TPS40090_15 Datasheet HTML 4Page - Texas Instruments TPS40090_15 Datasheet HTML 5Page - Texas Instruments TPS40090_15 Datasheet HTML 6Page - Texas Instruments TPS40090_15 Datasheet HTML 7Page - Texas Instruments TPS40090_15 Datasheet HTML 8Page - Texas Instruments TPS40090_15 Datasheet HTML 9Page - Texas Instruments TPS40090_15 Datasheet HTML 10Page - Texas Instruments TPS40090_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
18
21
18
9
10
15
7
COMP
FB
SS
DROOP
PWM1
PWM4
TPS40090PW
16
RT
+
8
11
13
12
REF
DIFFO
GNDS
VOUT
5
1
2
CSCN
3
4
A
B
A
B
A
B
A
B
+ 700mV
+
+
+
+
+
gM
CS1
CS2
CS3
CS4
1/N
PH2
PH4
POWER
GOOD
14
+
+
+
+
CLOCK
01
02
03
04
16
PGOOD
ILIM
5V
REG
24
EN/SYNC
PHDET
19 PWM3
20 PWM2
PH2
PH4
23 VIN
22 BP5
17 GND
PH2
PH4
Σ I
K
PH x
5 A
m
A =-(K+Y)
B=+1
CURRENT
LIMIT
IPH1
IPH2
IPH3
IPH4
IPH1
IPH2
IPH3
IPH4
gM
gM
gM
IDROOP
TPS40090
TPS40091
www.ti.com
SLUS578B
– OCTOBER 2003 – REVISED MAY 2006
FUNCTIONAL BLOCK DIAGRAM
Copyright
© 2003–2006, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS40090 TPS40091


Número de pieza similar - TPS40090_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090PWG4 TI1-TPS40090PWG4 Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
More results

Descripción similar - TPS40090_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com