Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40090-Q1 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS40090-Q1
Descripción Electrónicos  HIGH-FREQUENCY MULTIPHASE CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40090-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS40090-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS40090-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS40090-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS40090-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS40090-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS40090-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS40090-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS40090-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS40090-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS40090-Q1
www.ti.com
SLUS845C
– JUNE 2008 – REVISED MAY 2011
ABSOLUTE MAXIMUM RATING
over operating free-air temperature range unless otherwise noted
(1)
EN/SYNC, VIN,
16.5 V
VIN
Input voltage range
CS1, CS2, CS3, CS4, CSCN, DROOP, FB, GNDS, ILIM, VOUT
–0.3 V to 6 V
VOUT
Output voltage range
REF, COMP, DIFFO, PGOOD, SS, RT, PWM1, PWM2, PWM3, PWM4, BP5
–0.3 V to 6 V
TJ
Operating virtual-junction temperature range
–40°C to 125°C
Tstg
Storage temperature
–65°C to 150°C
ESD
Electrostatic discharge protection, Human-Body Model (HBM)
1500 V
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Input voltage
4.5
15
V
TJ
Operating virtual-junction temperature
–40
125
°C
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 125°C, VIN = 12 V, R(RT) = 64.9 kΩ, TJ = TA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Operating voltage range, VIN
4.5
15
VIN
UVLO
Rising VIN
4.25
4.45
V
VIN
UVLO(1)
Falling VIN
4.1
4.35
IIN
Shutdown current, VIN
2
10
μA
IIN
Quiescent current switching
Four channels, 400 kHz each, no load
4
6
mA
OSCILLATOR/SYNCHRONIZATION
Phase frequency accuracy
Four channels, RRT = 64.9 kΩ
350
415
455
Phase frequency set range(1)
Four channels
100
1200
kHz
Synchronization frequency range(1)
Four channels
800
9600
Synchronization input threshold(1)
Four channels
VBP5/2
V
PWM
4-phase operation
87.5
Maximum duty cycle per channel
%
2- and 3-phase operation
83.3
Minimum duty cycle per channel(1)
0
%
Minimum controllable on-time(1)
50
100
ns
ERROR AMPLIFIER
Feedback input voltage
0.690
0.700
0.707
V
Feedback input bias current
VFB = 0.7 V
25
150
nA
VOH
High-level output voltage
ICOMP = –1 mA
2.5
2.9
V
VOL
low-level output voltage
ICOMP = 1 mA
0.5
0.8
GBW
Gain bandwidth(1)
5
MHz
AVOL
Open loop gain(1)
90
dB
SOFT START
ISS
Soft-start source current
3.5
5
6
μA
VSS
Soft-start clamp voltage
0.95
1.00
1.05
V
(1)
Specified by design
Copyright
© 2008–2011, Texas Instruments Incorporated
3


Número de pieza similar - TPS40090-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
More results

Descripción similar - TPS40090-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com