Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40200-Q1 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS40200-Q1
Descripción Electrónicos  WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40200-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40200-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
0
0
100
200
300
400
500
600
700
100
200
300
400
500
Frequency-kHz
V
=4.5V
DD
V
=12V
DD
V
=24V
DD
V
=36V
DD
V
=52V
DD
0
20
10
30
40
50
Input Voltage (V)
500
200
100
50
f
OSC (kHz)
70
60
65
85
75
80
100
90
95
700
702
704
706
708
710
712
714
716
718
720
-50
-25
0
25
50
75
100
125
Temp-°C
V
=50V
DD
V
=24
DD
V
700
702
704
706
708
710
712
714
716
718
720
-50
-25
0
25
50
75
100
125
Temp-°C
V
=4
DD
.5V
V
=12V
DD
TPS40200-Q1
SLUS739E – SEPTEMBER 2006 – REVISED JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
REFERENCE VOLTAGE
REFERENCE VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 23.
Figure 24.
MINIMUM CONTROLLABLE PULSE WIDTH
MAXIMUM DUTY CYCLE
vs
vs
FREQUENCY
INPUT VOLTAGE
Figure 25.
Figure 26.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated


Número de pieza similar - TPS40200-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
More results

Descripción similar - TPS40200-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI1-TPS40200-HT Datasheet
910Kb / 45P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com