Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40210-HT Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS40210-HT
Descripción Electrónicos  5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40210-HT Datasheet(HTML) 3 Page - Texas Instruments

  TPS40210-HT_15 Datasheet HTML 1Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 2Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 3Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 4Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 5Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 6Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 7Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 8Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TPS40210-HT
www.ti.com
SLVSAD8 – JUNE 2010
Table 1. Bond Pad Coordinates in Microns (continued)
DISCRIPTION
PAD NUMBER
X min
Y min
X max
Y max
NC (1)
962.55
1147.32
1030.05
1214.82
NC (2)
868.59
1147.32
936.09
1214.82
NC (3)
764.73
1147.32
832.23
1214.82
NC (4)
643.68
1147.32
711.18
1214.82
NC (5)
403.74
1147.23
471.24
1214.73
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
KGD (bare die)
TPS40210SKGD1
NA
–55°C to 210°C
HKK
TPS40210SHKK
TPS40210SHKK
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
DEVICE RATINGS
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1)
VDD
–0.3 V to 52 V
Input voltage range
RC, SS, FB, DIS/EN
–0.3 V to 10 V
ISNS
–0.3 V to 8 V
Output voltage range
COMP, BP, GDRV
–0.3 V to 9 V
TJ
Operating junction temperature range
–55°C to 210°C
Tstg
Storage temperature range
–55°C to 210°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VVDD
Input voltage
5.5
52
V
TJ
Operating junction temperature
–55
210
°C
THERMAL CHARACTERISTICS FOR HKK PACKAGE
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
to bottom of case
4.6
Junction-to-case thermal
qJC
°C/W
resistance
to top of case - as if formed dead bug
12.9
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
TYP
UNIT
Human-Body Model (HBM)
1500
V
Charged-Device Model (CDM)
1500
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS40210-HT


Número de pieza similar - TPS40210-HT_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results

Descripción similar - TPS40210-HT_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com