Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1036X Datasheet(PDF) 3 Page - Vishay Telefunken

No. de pieza SI1036X
Descripción Electrónicos  Dual N-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1036X Datasheet(HTML) 3 Page - Vishay Telefunken

  SI1036X Datasheet HTML 1Page - Vishay Telefunken SI1036X Datasheet HTML 2Page - Vishay Telefunken SI1036X Datasheet HTML 3Page - Vishay Telefunken SI1036X Datasheet HTML 4Page - Vishay Telefunken SI1036X Datasheet HTML 5Page - Vishay Telefunken SI1036X Datasheet HTML 6Page - Vishay Telefunken SI1036X Datasheet HTML 7Page - Vishay Telefunken SI1036X Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si1036X
www.vishay.com
Vishay Siliconix
S14-0147-Rev. A, 27-Jan-14
3
Document Number: 62932
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Capacitance
0.000
0.005
0.010
0.015
0.020
0
3
6
9
12
15
V
GS - Gate-Source Voltage (V)
T
J = 25 °C
0
0.5
1
1.5
2
0
0.5
1
1.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 1.5 V
V
GS = 1.8 V
V
GS = 5V thru 2V
V
GS = 1 V
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
I
D - Drain Current (A)
V
GS = 1.5 V
V
GS = 4.5 V
V
GS = 2.5 V
V
GS = 1.8 V
10
-3
10
-4
10
-5
10
-6
10
-7
10
-8
10
-9
0
3
6
9
12
15
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
0
0.1
0.2
0.3
0.4
0.5
0
0.5
1
1.5
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
15
30
45
60
0
6
12
18
24
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


Número de pieza similar - SI1036X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1036X VISHAY-SI1036X Datasheet
208Kb / 8P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI1036X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com