Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS53511 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS53511
Descripción Electrónicos  4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS53511 Datasheet(HTML) 5 Page - Texas Instruments

  TPS53511_15 Datasheet HTML 1Page - Texas Instruments TPS53511_15 Datasheet HTML 2Page - Texas Instruments TPS53511_15 Datasheet HTML 3Page - Texas Instruments TPS53511_15 Datasheet HTML 4Page - Texas Instruments TPS53511_15 Datasheet HTML 5Page - Texas Instruments TPS53511_15 Datasheet HTML 6Page - Texas Instruments TPS53511_15 Datasheet HTML 7Page - Texas Instruments TPS53511_15 Datasheet HTML 8Page - Texas Instruments TPS53511_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPS53511
www.ti.com
SLUSBG4A – MARCH 2013 – REVISED JANUARY 2014
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, VVIN = 12 V, PGND = GND (unless otherwise noted).
()
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON-TIME TIMER CONTROL
tON
On time
VVIN = 12 V, VOUT = 1.05 V
145
ns
tOFF(min)
Minimum off time
TA = 25°C, VVFB = 0.7 V
260
310
ns
SOFT-START FUNCTION
ISSC
Soft-start charge current
VSS = 0 V
1.4
2.0
2.6
µA
ISSD
Soft-start discharge current
VSS = 0.5 V
0.1
0.2
mA
POWER GOOD
VVFB rising (good)
85%
90%
95%
VTHPG(UV)
Power good undervoltage threshold
VVFB falling (fault)
85%
VVFB rising (fault)
110%
115%
120%
VTHPG(OV)
Power good overvoltage threshold
VVFB falling (good)
110%
IPG
Sink current
VPG = 0.5 V
2.5
5.0
mA
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
Output OVP trip threshold
OVP detect
110%
115%
120%
tOVPDEL
Output OVP propagation delay
5
µs
UVP detect
65%
70%
75%
VUVP
Output UVP trip threshold
Hysteresis
10%
tUVPDEL
Output UVP delay
0.25
ms
tUVPEN
Output UVP enable delay
Relative to soft-start time
tSS×1.7
UNDERVOLTAGE LOCKOUT
Wake-up VREG5 voltage threshold
3.55
3.80
4.05
UVLO
V
Hysteresis VREG5 voltage threshold
0.23
0.35
0.47
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS53511


Número de pieza similar - TPS53511_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
More results

Descripción similar - TPS53511_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511_V01 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS54427 TI1-TPS54427_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Output Single Synchronous Step-Down Switcher
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com