Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS53647 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS53647
Descripción Electrónicos  TPS53647 4-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS53647 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53647_15 Datasheet HTML 2Page - Texas Instruments TPS53647_15 Datasheet HTML 3Page - Texas Instruments TPS53647_15 Datasheet HTML 4Page - Texas Instruments TPS53647_15 Datasheet HTML 5Page - Texas Instruments TPS53647_15 Datasheet HTML 6Page - Texas Instruments TPS53647_15 Datasheet HTML 7Page - Texas Instruments TPS53647_15 Datasheet HTML 8Page - Texas Instruments TPS53647_15 Datasheet HTML 9Page - Texas Instruments TPS53647_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 122 page
background image
TPS53647
SLUSC39 – JUNE 2015
www.ti.com
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating free air temperature
–40
125
°C
6.4 Thermal Information
TPS53647
THERMAL METRIC(1)
RTA (QFN)
UNIT
40 PINS
RθJA
Junction-to-ambient thermal resistance
30.6
RθJC(top)
Junction-to-case (top) thermal resistance
14.2
RθJB
Junction-to-board thermal resistance
6.9
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
6.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
over recommended free-air temperature range, VVIN = 12 V; VV5 = 5 V; VVSN = GND, VVSP = VOUT (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY: CURRENTS, UVLO, AND POWER-ON RESET
IVIN
VIN supply current 4-phase active
VVDAC < VVSP < VVDAC + 100 mV, ENABLE = HI
115
µA
IV5
V5 supply current
PMBus Idle, ENABLE = HI
6.1
7
mA
IV5SBY
V5 standby current
ENABLE = LO
2
2.6
mA
VV3R3
V3R3 output voltage
IV3R3 = 0 A
3.2
3.3
3.4
V
VV3R3(dropout)
V3R3 load regulation
IV3R3 = 5 mA
100
mV
VV5UVLOH
V5 UVLO OK threshold
Ramp up
4.1
4.25
4.5
V
VV5UVLOL
V5 UVLO fault threshold
Ramp down
3.95
4.05
4.25
V
VHYS(V5)
V5 UVLO hysteresis
Hysteresis
0.15
0.23
0.3
V
MFR_SPEC_16[1:0] = 00
4.2
4.5
4.7
MFR_SPEC_16[1:0] = 01
6.9
7.25
7.45
VVINUVLO
VIN UVLO voltage
V
MFR_SPEC_16[1:0] = 10
8.6
9.0
9.25
MFR_SPEC_16[1:0] = 11
9.8
10.3
10.7
VHYS(VIN)
VIN UVLO hysteresis voltage
Hysteresis voltage
1
V
REFERENCES: DAC AND VREF
VR12.5: Change VID0 HI to LO to HI
10
mV
VVIDSTP
VID Step size
VR12.0: Change VID0 HI to LO to HI
5
mV
VDAC1
Closed Loop VSP tolerance
VR12.0: 0.61 V
≤ VVSP ≤ 0.995 V, IOUT = 0 A , TA= 0 °C to 85 °C
–6
6.5
mV
VDAC2
Closed Loop VSP tolerance
VR12.0: 1 V
≤ VVSP ≤ 1.52 V, ICOUT = 0 A, TA= 0 °C to 85 °C
–0.6
0.6
%
VDAC3
Closed Loop VSP tolerance
VR12.5: 1.50V
≤ VVSP ≤ 2.50 V, IOUT = 0 A, TA= 0 °C to 85 °C
–1
1
%
VR12.0: 0.61 V
≤ VVSP ≤ 0.995 V, IOUT = 0 A,TA= -40 °C to 125
VDAC4
Closed Loop VSP tolerance
–8
8
mV
°C
VDAC5
Closed Loop VSP tolerance
VR12.0: 1.0 V
≤ VVSP ≤ 1.52 V, IOUT = 0 A,TA= -40 °C to 125 °C
-0.8
0.8
%
VDAC6
Closed Loop VSP tolerance
VR12.5: 1.50 V
≤ VVSP ≤ 2.50V, IOUT = 0 A,TA= -40 °C to 125 °C
-1.1
1.0
%
VVREF
VREF output
VV5 = 4.5 to 5.5 V, IVREF = 0 A
1.685
1.70
1.717
V
VVREFSRC
VREF output source
IVREF = 0 to 500 µA
–4
-1
mV
VVREFSNK
VREF output sink
IVREF = –500 to 0 µA
1
4
mV
CURRENT SENSE: AMPLIFIER AND PHASE BALANCING
GCSINT
Internal current sense gain
Gain from ( CSPx – VREF ) to PWM comparator
1.0
V/V
COMPENSATOR: VOLTAGE POSITIONING AND AMPLIFIER
gM(isum)
ISUM amplifier transconductance
VVSP = 1.7 V
500
µS
gM(comp)
COMP amplifier transconductance
VVSP = 1.7 V
1000
µS
VCCLAMPN
COMP amplifier negative clamp voltage
(VVREF – VCOMP)
VRAMP + 20
mV
VCCLAMPP
COMP amplifier positive clamp voltage
(VCOMP – VVREF)
2.1
2.2
2.3
V
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS53647


Número de pieza similar - TPS53647_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53647 TI1-TPS53647_16 Datasheet
2Mb / 120P
[Old version datasheet]   4-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
More results

Descripción similar - TPS53647_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53647 TI1-TPS53647_16 Datasheet
2Mb / 120P
[Old version datasheet]   4-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
TPS53667 TI1-TPS53667 Datasheet
362Kb / 11P
[Old version datasheet]   6-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
logo
International Rectifier
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Texas Instruments
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com