Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54122 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS54122
Descripción Electrónicos  TPS54122-Q1 Dual-Output, 3-A, QuietSupply??with Integrated DC-DC Converter and Low-Noise LDO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54122 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54122 Datasheet HTML 6Page - Texas Instruments TPS54122 Datasheet HTML 7Page - Texas Instruments TPS54122 Datasheet HTML 8Page - Texas Instruments TPS54122 Datasheet HTML 9Page - Texas Instruments TPS54122 Datasheet HTML 10Page - Texas Instruments TPS54122 Datasheet HTML 11Page - Texas Instruments TPS54122 Datasheet HTML 12Page - Texas Instruments TPS54122 Datasheet HTML 13Page - Texas Instruments TPS54122 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
1.05
1.1
1.15
1.2
1.25
1.3
1.35
±40
±20
0
20
40
60
80
100
120
140
Temperature (
ƒC)
Enable Pin Low-Level Voltage (V)
Enable Pin High-Level Voltage (V)
C006
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
±40
±20
0
20
40
60
80
100
120
140
Temperature (
ƒC)
Ven =1.3
Ven =1.13
C010
0
1
2
3
4
5
6
7
8
Time (200 ms/div)
Vvin
Vdc-dc_out
Vout
C015
-50
-25
0
25
50
75
100
125
150
Junction Temperature (°C)
450
455
460
465
470
475
480
485
490
495
500
-0.03
-0.02
-0.01
0
0.01
1
1.5
2
2.5
3
3.5
4
4.5
5
Time (20 µs/div)
C021
V
OUT Deviation
I
OUT = 1.5 A to 2.5 A to 1.5 A (1 A/µs)
0
0.5
1
1.5
2
2.5
3
Time (20 ms/div)
Ven (V)
Vout (V)
C019
TPS54122-Q1
SBVS253A – JANUARY 2015 – REVISED MAY 2015
www.ti.com
Typical Characteristics (continued)
At VVIN = VBIAS= VLDOEN= 5 V, VLDOIN = DC-DC_OUT = 2.1 V, VO = 1.8 V, IO = 50 mA, VEN = floating, COUT = 100 μF, and CSS =
CNR = 0.01 µF (see Figure 27), unless otherwise noted.
RLOAD = 1.8 Ω
Figure 13. DC-DC Load Transient Response
Figure 14. LDO Enable Pulse Response
RT = 400 k
Ω, VI = 5 V
VEN = VVIN, VLDOEN = VDC-DC_OUT
Figure 16. DC-DC Switching Frequency vs Temperature
Figure 15. Power-Up and Power-Down Response
(LDO Powered by DC-DC)
Figure 17. DC-DC EN UVLO Threshold vs Temperature
Figure 18. Enable Pin Current vs Temperature
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS54122-Q1


Número de pieza similar - TPS54122

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLR TI1-TPS54122RHLR Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLR TI1-TPS54122RHLR Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
More results

Descripción similar - TPS54122

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Texas Instruments
SLVA343A TI-SLVA343A Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
ISOW7741-Q1 TI-ISOW7741-Q1 Datasheet
4Mb / 61P
[Old version datasheet]   ISOW774x-Q1 Quad-Channel Digital Isolator with Integrated Low-Emissions, Low- Noise DC-DC Converter
NOVEMBER 2022
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
logo
Wall Industries,Inc.
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com