Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1416EDH Datasheet(PDF) 8 Page - Vishay Telefunken

No. de pieza SI1416EDH
Descripción Electrónicos  N-Channel 30 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1416EDH Datasheet(HTML) 8 Page - Vishay Telefunken

Back Button SI1416EDH Datasheet HTML 4Page - Vishay Telefunken SI1416EDH Datasheet HTML 5Page - Vishay Telefunken SI1416EDH Datasheet HTML 6Page - Vishay Telefunken SI1416EDH Datasheet HTML 7Page - Vishay Telefunken SI1416EDH Datasheet HTML 8Page - Vishay Telefunken SI1416EDH Datasheet HTML 9Page - Vishay Telefunken SI1416EDH Datasheet HTML 10Page - Vishay Telefunken SI1416EDH Datasheet HTML 11Page - Vishay Telefunken SI1416EDH Datasheet HTML 12Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AN815
Vishay Siliconix
Document Number: 71334
12-Dec-03
www.vishay.com
1
Single-Channel LITTLE FOOTR SC-70 6-Pin MOSFET
Copper Leadframe Version
Recommended Pad Pattern and Thermal Performance
INTRODUCTION
The new single 6-pin SC-70 package with a copper leadframe
enables improved on-resistance values and enhanced
thermal performance as compared to the existing 3-pin and
6-pin packages with Alloy 42 leadframes. These devices are
intended for small to medium load applications where a
miniaturized package is required. Devices in this package
come in a range of on-resistance values, in n-channel and
p-channel versions. This technical note discusses pin-outs,
package outlines, pad patterns, evaluation board layout, and
thermal performance for the single-channel version.
BASIC PAD PATTERNS
See Application Note 826, Recommended Minimum Pad
Patterns With Outline Drawing Access for Vishay Siliconix
MOSFETs, (http://www.vishay.com/doc?72286) for the basic
pad layout and dimensions. These pad patterns are sufficient
for the low to medium power applications for which this
package is intended. Increasing the drain pad pattern yields a
reduction in thermal resistance and is a preferred footprint.
The availability of four drain leads rather than the traditional
single drain lead allows a better thermal path from the package
to the PCB and external environment.
PIN-OUT
Figure 1 shows the pin-out description and Pin 1
identification.The pin-out of this device allows the use of four
pins as drain leads, which helps to reduce on-resistance and
junction-to-ambient thermal resistance.
FIGURE 1.
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
For package dimensions see outline drawing SC-70 (6-Leads)
(http://www.vishay.com/doc?71154)
EVALUATION BOARDS
SINGLE SC70-6
The evaluation board (EVB) measures 0.6 inches by
0.5 inches. The copper pad traces are the same as in Figure 2.
The board allows examination from the outer pins to 6-pin DIP
connections, permitting test sockets to be used in evaluation
testing. See Figure 3.
FIGURE 2.
SC-70 (6 leads) Single
52 (mil)
96 (mil)
13 (mil)
71 (mil)
0, 0 (mil)
18 (mil)
16 (mil)
26 (mil)
26 (mil)
654
3
2
1
The thermal performance of the single 6-pin SC-70 has been
measured on the EVB, comparing both the copper and
Alloy 42 leadframes. This test was first conducted on the
traditional Alloy 42 leadframe and was then repeated using the
1-inch2 PCB with dual-side copper coating.


Número de pieza similar - SI1416EDH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1416EDH VISHAY-SI1416EDH Datasheet
261Kb / 12P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 04-Apr-11
Si1416EDH VISHAY-Si1416EDH Datasheet
268Kb / 12P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 04-Apr-11
SI1416EDH VISHAY-SI1416EDH Datasheet
270Kb / 12P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1416EDH-T1-GE3 VISHAY-SI1416EDH-T1-GE3 Datasheet
270Kb / 12P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1416EDH VISHAY-SI1416EDH_17 Datasheet
268Kb / 12P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 04-Apr-11
More results

Descripción similar - SI1416EDH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com