Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54225-Q1 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS54225-Q1
Descripción Electrónicos  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54225-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54225-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS54225-Q1
SLVSAV9
– JUNE 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PACKAGE(2) (3)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PowerPAD
–40°C to 105°C
Tape and Reel
TPS54225TPWPRQ1
54225Q1
(HTSSOP)
– PWP (14 Pins)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
All package options have Cu NIPDAU lead/ball finish.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VIN, VCC, EN
–0.3 to 20
V
VBST
–0.3 to 26
V
VBST (vs SW1, SW2)
–0.3 to 6.5
V
VI
Input voltage range
VFB, VO, SS, PG
–0.3 to 6.5
V
SW1, SW2
–2 to 20
V
SW1, SW2 (10 ns transient)
–3 to 20
V
VREG5
–0.3 to 6.5
V
VO
Output voltage range
PGND1, PGND2
–0.3 to 0.3
V
Vdiff
Voltage from GND to POWERPAD
–0.2 to 0.2
V
Human Body Model (HBM)
2
kV
ESD rating Electrostatic discharge
Charged Device Model (CDM)
1
kV
TJ
Operating junction temperature
–40 to 150
°C
Tstg
Storage temperature
–55 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS54225-Q1
THERMAL METRIC(1)
PWP
UNITS
14 PINS
θJA
Junction-to-ambient thermal resistance
55.6
θJCtop
Junction-to-case (top) thermal resistance
51.3
θJB
Junction-to-board thermal resistance
26.4
°C/W
ψJT
Junction-to-top characterization parameter
1.8
ψJB
Junction-to-board characterization parameter
20.6
θJCbot
Junction-to-case (bottom) thermal resistance
4.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Copyright
© 2011, Texas Instruments Incorporated


Número de pieza similar - TPS54225-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
More results

Descripción similar - TPS54225-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54326 TI-TPS54326 Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com