Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4128DY Datasheet(PDF) 2 Page - Vishay Telefunken

No. de pieza SI4128DY
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4128DY Datasheet(HTML) 2 Page - Vishay Telefunken

  SI4128DY Datasheet HTML 1Page - Vishay Telefunken SI4128DY Datasheet HTML 2Page - Vishay Telefunken SI4128DY Datasheet HTML 3Page - Vishay Telefunken SI4128DY Datasheet HTML 4Page - Vishay Telefunken SI4128DY Datasheet HTML 5Page - Vishay Telefunken SI4128DY Datasheet HTML 6Page - Vishay Telefunken SI4128DY Datasheet HTML 7Page - Vishay Telefunken SI4128DY Datasheet HTML 8Page - Vishay Telefunken SI4128DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 69004
S-83089-Rev. C, 29-Dec-08
Vishay Siliconix
Si4128DY
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS /TJ
ID = 250 µA
35
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 4.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.0
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 7.8 A
0.020
0.024
Ω
VGS = 4.5 V, ID = 7.0 A
0.024
0.030
Forward Transconductancea
gfs
VDS = 10 V, ID = 7.8 A
17
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
435
pF
Output Capacitance
Coss
95
Reverse Transfer Capacitance
Crss
42
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 7.8 A
812
nC
VDS = 15 V, VGS = 4.5 V, ID = 7.8 A
3.8
6
Gate-Source Charge
Qgs
1.4
Gate-Drain Charge
Qgd
1.1
Gate Resistance
Rg
f = 1 MHz
1.5
3.2
4.5
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 2.4 Ω
ID ≅ 6.3 A, VGEN = 4.5 V, Rg = 1 Ω
15
25
ns
Rise Time
tr
12
20
Turn-Off Delay Time
td(off)
13
20
Fall Time
tf
10
15
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 2.4 Ω
ID ≅ 6.3 A, VGEN = 10 V, Rg = 1 Ω
510
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
15
25
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
4.2
A
Pulse Diode Forward Current
ISM
30
Body Diode Voltage
VSD
IS = 6.3 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 6.3 A, dI/dt = 100 A/µs, TJ = 25 °C
15
25
ns
Body Diode Reverse Recovery Charge
Qrr
712
nC
Reverse Recovery Fall Time
ta
9
ns
Reverse Recovery Rise Time
tb
6


Número de pieza similar - SI4128DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4128DY VISHAY-SI4128DY Datasheet
122Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 29-Dec-08
logo
SHENZHEN DOINGTER SEMIC...
SI4128DY DOINGTER-SI4128DY Datasheet
1Mb / 6P
   N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4128DY VISHAY-SI4128DY Datasheet
199Kb / 9P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4128DY-T1-E3 VISHAY-SI4128DY-T1-E3 Datasheet
257Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 29-Dec-08
Si4128DY-T1-E3 VISHAY-Si4128DY-T1-E3 Datasheet
257Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 29-Dec-08
More results

Descripción similar - SI4128DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com