Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4620DY Datasheet(PDF) 9 Page - Vishay Telefunken

No. de pieza SI4620DY
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4620DY Datasheet(HTML) 9 Page - Vishay Telefunken

Back Button SI4620DY Datasheet HTML 5Page - Vishay Telefunken SI4620DY Datasheet HTML 6Page - Vishay Telefunken SI4620DY Datasheet HTML 7Page - Vishay Telefunken SI4620DY Datasheet HTML 8Page - Vishay Telefunken SI4620DY Datasheet HTML 9Page - Vishay Telefunken SI4620DY Datasheet HTML 10Page - Vishay Telefunken SI4620DY Datasheet HTML 11Page - Vishay Telefunken SI4620DY Datasheet HTML 12Page - Vishay Telefunken SI4620DY Datasheet HTML 13Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Document Number: 73862
S09-1341-Rev. D, 13-Jul-09
www.vishay.com
9
Vishay Siliconix
Si4620DY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?73862.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
10-1
100
Square Wave Pulse Duration (s)
10
1000
1
0.1
0.01
1
10-4
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 93 °C
3. TJM - TA = PDMZthJA(t)
t1
t2
4. Surface Mounted
Notes:
t1
PDM
t2
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10
1
0.1
0.01
Square Wave Pulse Duration (s)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
-4


Número de pieza similar - SI4620DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4620DY VISHAY-SI4620DY Datasheet
285Kb / 13P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 13-Jul-09
SI4620DY-T1-E3 VISHAY-SI4620DY-T1-E3 Datasheet
285Kb / 13P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 13-Jul-09
SI4620DY-T1-GE3 VISHAY-SI4620DY-T1-GE3 Datasheet
285Kb / 13P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 13-Jul-09
More results

Descripción similar - SI4620DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com