Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54295 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS54295
Descripción Electrónicos  2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54295 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54295_15 Datasheet HTML 3Page - Texas Instruments TPS54295_15 Datasheet HTML 4Page - Texas Instruments TPS54295_15 Datasheet HTML 5Page - Texas Instruments TPS54295_15 Datasheet HTML 6Page - Texas Instruments TPS54295_15 Datasheet HTML 7Page - Texas Instruments TPS54295_15 Datasheet HTML 8Page - Texas Instruments TPS54295_15 Datasheet HTML 9Page - Texas Instruments TPS54295_15 Datasheet HTML 10Page - Texas Instruments TPS54295_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SS
SS
C4x(nF)
VFBx(V)
C4x(nF)
0.765 V
T
(ms) =
=
I
( A)
8
A
´
´
m
m
(
)
INx
Ox
Ox
Ox(LL)
SW
INx
V
V
V
1
I
=
2
L1x
V
-
´
´
´
´ f
TPS54295
www.ti.com
SLVSB01C – OCTOBER 2011 – REVISED APRIL 2013
OVERVIEW
The TPS54295 is a 2A/2A dual synchronous step-down (buck) converter with two integrated N-channel
MOSFETs for each channel. It operates using D-CAP2™ control mode. The fast transient response of D-CAP2™
control reduces the required output capacitance to meet a specific level of performance. Proprietary internal
circuitry allows the use of low ESR output capacitors including ceramic and special polymer types.
DETAILED DESCRIPTION
PWM Operation
The main control loop of the TPS54295 is an adaptive on-time pulse width modulation (PWM) controller that
supports a proprietary D-CAP2™ control mode. D-CAP2™ control combines constant on-time control with an
internal compensation circuit for pseudo-fixed frequency and low external component count configuration with
both low ESR and ceramic output capacitors. It is stable even with virtually no ripple at the output.
At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is turned off when the internal
timer expires. This timer is set by the converter’s input voltage, VINx, and the output voltage, VOx, to maintain a
pseudo-fixed frequency over the input voltage range hence it is called adaptive on-time control. The timer is reset
and the high-side MOSFET is turned on again when the feedback voltage falls below the nominal output voltage.
An internal ramp is added to the reference voltage to simulate output voltage ripple, eliminating the need for ESR
induced output ripple from D-CAP™ control.
PWM Frequency and Adaptive On-Time Control
TPS54295 uses an adaptive on-time control scheme and does not have a dedicated on board oscillator. The
TPS54295 runs with a pseudo-fixed frequency of 700 kHz by using the input voltage and output voltage to set
the on-time timer. The on-time is inversely proportional to the input voltage and proportional to the output voltage,
therefore, when the duty ratio is VOx/VIN, the frequency is constant.
Auto-Skip Eco-Mode™ Control
The TPS54295 is designed with Auto-Skip Eco-mode™ to increase light load efficiency. As the output current
decreases from heavy load condition, the inductor current also reduces and eventually comes to the point where
its ripple valley touches the zero level, which is the boundary between continuous conduction and discontinuous
conduction modes. The rectifying MOSFET is turned off when zero inductor current is detected. As the load
current further decreases the converter runs into discontinuous conduction mode. The on-time is kept almost half
as it was in the continuous conduction mode because it takes longer to discharge the output capacitor with
smaller load current to the nominal output voltage. The transition point to the light load operation IOx(LL) current
can be estimated with Equation 1 with 700-kHz used as fSW.
(1)
Soft Start and Pre-Biased Soft Start
The soft start time is adjustable. When the ENx pin becomes high, 8-µA current begins charging the capacitor
which is connected from the SSx pin to GND. Smooth control of the output voltage is maintained during start up.
The equation for the slow start time is shown in Equation 2. VFBx voltage is 0.765-V and SSx pin source current
is 8-µA.
(2)
The TPS54295 contains a unique circuit to prevent current from being pulled from the output during startup if the
output is pre-biased. When the soft-start commands a voltage higher than the pre-bias level (internal soft start
becomes greater than internal feedback voltage VFBx), the controller slowly activates synchronous rectification
by starting the first low side FET gate driver pulses with a narrow on-time. It then increments that on-time on a
cycle-by-cycle basis until it coincides with the time dictated by (1-D), where D is the duty cycle of the converter.
This scheme prevents the initial sinking of the pre-biased output, and ensures that the output voltage (VOx)
starts and ramps up smoothly into regulation from pre-biased startup to normal mode operation.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54295


Número de pieza similar - TPS54295_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54295 TI1-TPS54295_16 Datasheet
1Mb / 34P
[Old version datasheet]   TPS54295 2-A Dual Channel Synchronous Step-Down Switcher With Integrated FET
More results

Descripción similar - TPS54295_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI1-TPS54495_16 Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294 Datasheet
918Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54494 TI1-TPS54494_16 Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com