Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54329 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS54329
Descripción Electrónicos  4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54329 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54329_15 Datasheet HTML 1Page - Texas Instruments TPS54329_15 Datasheet HTML 2Page - Texas Instruments TPS54329_15 Datasheet HTML 3Page - Texas Instruments TPS54329_15 Datasheet HTML 4Page - Texas Instruments TPS54329_15 Datasheet HTML 5Page - Texas Instruments TPS54329_15 Datasheet HTML 6Page - Texas Instruments TPS54329_15 Datasheet HTML 7Page - Texas Instruments TPS54329_15 Datasheet HTML 8Page - Texas Instruments TPS54329_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS54329DDA
V
(50 mV/div)
OUT
I
(1 A/div)
OUT
100 s/div
μ
G006
TPS54329
www.ti.com
SLVSAZ6A – SEPTEMBER 2011 – REVISED MARCH 2012
4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
Check for Samples: TPS54329
1
FEATURES
DESCRIPTION
The TPS54329 is an adaptive on-time D-CAP2™
23
D-CAP2™ Mode Enables Fast Transient
mode synchronous buck converter. TheTPS54329
Response
enables system designers to complete the suite of
Low Output Ripple and Allows Ceramic Output
various end equipment’s power bus regulators with a
Capacitor
cost effective, low component count, low standby
current solution. The main control loop for the
Wide VIN Input Voltage Range: 4.5 V to 18 V
TPS54329 uses the D-CAP2™ mode control which
Output Voltage Range: 0.76 V to 7.0 V
provides a fast transient response with no external
Highly Efficient Integrated FETs Optimized
compensation components. The TPS54329 also has
for Lower Duty Cycle Applications
a proprietary circuit that enables the device to adopt
– 100 m
Ω (High Side) and 74 mΩ (Low Side)
to both low equivalent series resistance (ESR) output
capacitors, such as POSCAP or SP-CAP, and ultra-
High Efficiency, Less Than 10
μA at Shutdown
low ESR ceramic capacitors. The device operates
High Initial Bandgap Reference Accuracy
from 4.5-V to 18-V VIN input. The output voltage can
Adjustable Soft Start
be programmed between 0.76 V and 7 V. The device
also features an adjustable soft start time. The
Pre-Biased Soft Start
TPS54329 is available in the 8-pin DDA package,
650-kHz Switching Frequency (fSW)
and designed to operate from –40°C to 85°C.
Cycle By Cycle Over Current Limit
APPLICATIONS
Wide Range of Applications for Low Voltage
System
Digital TV Power Supply
High Definition Blu-ray Disc™ Players
Networking Home Terminal
Digital Set Top Box (STB)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2 is a trademark of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS54329_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54329DDA TI1-TPS54329DDA Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329DDAR TI1-TPS54329DDAR Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329EDDA TI1-TPS54329EDDA Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329EDDAR TI1-TPS54329EDDAR Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
More results

Descripción similar - TPS54329_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54627 TI-TPS54627_15 Datasheet
937Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com