Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54350 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS54350
Descripción Electrónicos  4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54350 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54350_15 Datasheet HTML 1Page - Texas Instruments TPS54350_15 Datasheet HTML 2Page - Texas Instruments TPS54350_15 Datasheet HTML 3Page - Texas Instruments TPS54350_15 Datasheet HTML 4Page - Texas Instruments TPS54350_15 Datasheet HTML 5Page - Texas Instruments TPS54350_15 Datasheet HTML 6Page - Texas Instruments TPS54350_15 Datasheet HTML 7Page - Texas Instruments TPS54350_15 Datasheet HTML 8Page - Texas Instruments TPS54350_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TPS54350
SLVS456C − OCTOBER 2003 − REVISED OCTOBER 2004
www.ti.com
5
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIN
VIN
UVLO
PWRGD
RT
SYNC
ENA
COMP
BOOT
PH
PH
LSG
VBIAS
PGND
AGND
VSENSE
PWP PACKAGE
(TOP VIEW)
THERMAL
PAD
NOTE: If there is not a Pin 1 indicator, turn device to enable
reading the symbol from left to right. Pin 1 is at the lower
left corner of the device.
Terminal Functions
TERMINAL
DESCRIPTION
NO.
NAME
DESCRIPTION
1, 2
VIN
Input supply voltage, 4.5 V to 20 V. Must bypass with a low ESR 10-
µF ceramic capacitor.
3
UVLO
Undervoltage lockout pin. Connecting an external resistive voltage divider from VIN to the pin will override the internal
default VIN start and stop thresholds.
4
PWRGD
Power good output. Open drain output. A low on the pin indicates that the output is less than the desired output voltage.
There is an internal rising edge filter on the output of the PWRGD comparator.
5
RT
Frequency setting pin. Connect a resistor from RT to AGND to set the switching frequency. Connecting the RT pin to
ground or floating will set the frequency to an internally preselected frequency.
6
SYNC
Bidirectional synchronization I/O pin. SYNC pin is an output when the RT pin is floating or connected low. The output is a
falling edge signal out of phase with the rising edge of PH. SYNC may be used as an input to synchronize to a system clock
by connecting to a falling edge signal when an RT resistor is used. See 180
° Out of Phase Synchronization operation in the
Application Information section.
7
ENA
Enable. Below 0.5 V, the device stops switching. Float pin to enable.
8
COMP
Error amplifier output. Connect frequency compensation network from COMP to VSENSE pins.
9
VSENSE
Inverting node error amplifier.
10
AGND
Analog ground—internally connected to the sensitive analog ground circuitry. Connect to PGND and PowerPAD.
11
PGND
Power Ground—Noisy internal ground—Return currents from the LSG driver output return through the PGND pin. Con-
nect to AGND and PowerPAD.
12
VBIAS
Internal 8.0V bias voltage. A 1.0 uF ceramic bypass capacitance is required on the VBIAS pin.
13
LSG
Gate drive for optional low side MOSFET. Connect gate of n-channel MOSFET for a higher efficiency synchronous buck
converter configuration. Otherwise, leave open and connect schottky diode from ground to PH pins.
14, 15
PH
Phase node—Connect to external L−C filter.
16
BOOT
Bootstrap capacitor for high side gate driver. Connect 0.1
µF ceramic capacitor from BOOT to PH pins.
PowerPAD
PGND and AGND pins must be connected to the exposed pad for proper operation. See Figure 21 for an example PCB
layout.


Número de pieza similar - TPS54350_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
More results

Descripción similar - TPS54350_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com