Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIZ728DT Datasheet(PDF) 7 Page - Vishay Telefunken

No. de pieza SIZ728DT
Descripción Electrónicos  N-Channel 25 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ728DT Datasheet(HTML) 7 Page - Vishay Telefunken

Back Button SIZ728DT Datasheet HTML 3Page - Vishay Telefunken SIZ728DT Datasheet HTML 4Page - Vishay Telefunken SIZ728DT Datasheet HTML 5Page - Vishay Telefunken SIZ728DT Datasheet HTML 6Page - Vishay Telefunken SIZ728DT Datasheet HTML 7Page - Vishay Telefunken SIZ728DT Datasheet HTML 8Page - Vishay Telefunken SIZ728DT Datasheet HTML 9Page - Vishay Telefunken SIZ728DT Datasheet HTML 10Page - Vishay Telefunken SIZ728DT Datasheet HTML 11Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Document Number: 67694
S11-2379-Rev. B, 28-Nov-11
www.vishay.com
7
Vishay Siliconix
SiZ728DT
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHANNEL-1 TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA =67 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Normalized Thermal Transient Impedance, Junction-to-Case
0.1
1
0.0001
0.001
0.01
0.1
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse


Número de pieza similar - SIZ728DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIZ728DT VISHAY-SIZ728DT Datasheet
210Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIZ728DT VISHAY-SIZ728DT Datasheet
211Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ728DT VISHAY-SIZ728DT Datasheet
215Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
08-Feb-17
SIZ728DT-T1-GE3 VISHAY-SIZ728DT-T1-GE3 Datasheet
210Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIZ728DT VISHAY-SIZ728DT_12 Datasheet
211Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. B, 28-Nov-11
More results

Descripción similar - SIZ728DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIZ728DT VISHAY-SIZ728DT_12 Datasheet
211Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ728DT VISHAY-SIZ728DT Datasheet
210Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIZ728DT VISHAY-SIZ728DT_V01 Datasheet
215Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
08-Feb-17
SIRA22DP VISHAY-SIRA22DP Datasheet
255Kb / 9P
   N-Channel 25 V (D-S) MOSFETs
01-Jan-2022
SIZ320DT VISHAY-SIZ320DT Datasheet
368Kb / 14P
   Dual N-Channel 25 V (D-S) MOSFETs
08-Feb-17
SIZ926DT VISHAY-SIZ926DT Datasheet
236Kb / 14P
   Dual N-Channel 25 V (D-S) MOSFETs
01-Jan-2022
SIZ328DT VISHAY-SIZ328DT Datasheet
391Kb / 14P
   Dual N-Channel 25 V (D-S) MOSFETs
01-Jan-2022
VN2010L VISHAY-VN2010L Datasheet
45Kb / 4P
   N-Channel 200-V (D-S) MOSFETs
Rev. C, 16-Jul-01
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com