Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIZ998DT Datasheet(PDF) 2 Page - Vishay Telefunken

No. de pieza SIZ998DT
Descripción Electrónicos  Dual N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ998DT Datasheet(HTML) 2 Page - Vishay Telefunken

  SIZ998DT Datasheet HTML 1Page - Vishay Telefunken SIZ998DT Datasheet HTML 2Page - Vishay Telefunken SIZ998DT Datasheet HTML 3Page - Vishay Telefunken SIZ998DT Datasheet HTML 4Page - Vishay Telefunken SIZ998DT Datasheet HTML 5Page - Vishay Telefunken SIZ998DT Datasheet HTML 6Page - Vishay Telefunken SIZ998DT Datasheet HTML 7Page - Vishay Telefunken SIZ998DT Datasheet HTML 8Page - Vishay Telefunken SIZ998DT Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SiZ998DT
www.vishay.com
Vishay Siliconix
S15-0144-Rev. A, 02-Feb-15
2
Document Number: 62979
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
Ch-1
30
-
-
V
VGS = 0 V, ID = 250 μA
Ch-2
30
-
-
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
Ch-1
1.1
-
2.2
V
VDS = VGS, ID = 250 μA
Ch-2
1.1
-
2.2
Gate Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V, -16 V
Ch-1
-
-
± 100
nA
Ch-2
-
-
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch-1
-
-
1
μA
Ch-2
-
-
150
VDS = 30 V, VGS = 0 V, TJ = 55 °C
Ch-1
-
-
5
Ch-2
-
-
3
mA
On-State Drain Current b
ID(on)
VDS
≥ 5 V, VGS = 10 V
Ch-1
20
-
-
A
Ch-2
20
-
-
Drain-Source On-State Resistance b
RDS(on)
VGS = 10 V, ID = 15 A
Ch-1
-
0.0047
0.0067
Ω
VGS = 10 V, ID = 19 A
Ch-2
-
0.0022
0.0028
VGS = 4.5 V, ID = 12 A
Ch-1
-
0.0065
0.0100
VGS = 4.5 V, ID = 15 A
Ch-2
-
0.0030
0.0038
Forward Transconductance b
gfs
VDS = 10 V, ID = 15 A
Ch-1
-
80
-
S
VDS = 10 V, ID = 19 A
Ch-2
-
165
-
Dynamic a
Input Capacitance
Ciss
Channel-1
VDS = 15 V, VGS = 0 V, f = 1 MHz
Channel-2
VDS = 15 V, VGS = 0 V, f = 1 MHz
Ch-1
-
930
-
pF
Ch-2
-
2620
-
Output Capacitance
Coss
Ch-1
-
325
-
Ch-2
-
902
-
Reverse Transfer Capacitance
Crss
Ch-1
-
21
-
Ch-2
-
55
-
Crss/Ciss Ratio
Ch-1
-
0.023
0.046
Ch-2
-
0.021
0.042
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 20 A
Ch-1
-
12
18
nC
Ch-2
-
29.5
44.3
Channel-1
VDS = 15 V, VGS = 4.5 V, ID = 20 A
Channel-2
VDS = 15 V, VGS = 4.5 V, ID = 20 A
Ch-1
-
5.4
8.1
Ch-2
-
13.2
19.8
Gate-Source Charge
Qgs
Ch-1
-
3
-
Ch-2
-
7.1
-
Gate-Drain Charge
Qgd
Ch-1
-
0.75
-
Ch-2
-
1.3
-
Output Charge
Qoss
VDS = 15 V, VGS = 0 V
Ch-1
-
10
-
Ch-2
-
30
-
Gate Resistance
Rg
f = 1 MHz
Ch-1
0.3
1.5
3
Ω
Ch-2
0.2
1.1
2.2


Número de pieza similar - SIZ998DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ998DT-T1-GE3 VISHAY-SIZ998DT-T1-GE3 Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results

Descripción similar - SIZ998DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
SIZ920DT VISHAY-SIZ920DT Datasheet
212Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 30-Apr-12
SIZ902DT VISHAY-SIZ902DT Datasheet
222Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ918DT VISHAY-SIZ918DT_V01 Datasheet
226Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ300DT VISHAY-SIZ300DT Datasheet
269Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 15-Aug-11
logo
Vishay Telefunken
SIZ902DT TFUNK-SIZ902DT Datasheet
223Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ200DT VISHAY-SIZ200DT Datasheet
308Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ900DT VISHAY-SIZ900DT_V01 Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ904DT VISHAY-SIZ904DT_V01 Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
SIZ910DT VISHAY-SIZ910DT_V01 Datasheet
167Kb / 12P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com