Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54362-HT Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS54362-HT
Descripción Electrónicos  1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54362-HT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54362-HT_15 Datasheet HTML 3Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 4Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 5Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 6Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 7Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 8Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 9Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 10Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
1000
10000
100000
1000000
10000000
120
140
160
180
200
Operating Junction Temperature ( °C)
TPS54362-HT
www.ti.com
SLVSBI9 – SEPTEMBER 2012
(1)
See data sheet for absolute maximum and minimum recommended operating conditions.
(2)
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
(3)
The predicted operating lifetime vs. junction temperature is based on reliability modeling using electromigration as the
dominant failure mechanism affecting device wearout for the specific device process and design characteristics.
(4)
This device is qualified for 1000 hours of continuous operation at maximum rated temperature.
Figure 1. Electromigration Fail Mode Derating Chart
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links : TPS54362-HT


Número de pieza similar - TPS54362-HT_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54362-HT TI1-TPS54362-HT_16 Datasheet
614Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
More results

Descripción similar - TPS54362-HT_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54362-HT TI1-TPS54362-HT_16 Datasheet
614Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
920Kb / 35P
[Old version datasheet]   3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
LMR51440 TI-LMR51440 Datasheet
2Mb / 39P
[Old version datasheet]   LMR514x0, 36-V, 4-A/5-A Synchronous Step-Down DC/DC Converter With Low IQ
DECEMBER 2022
TPS54162-Q1 TI1-TPS54162-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI-TPS54162-Q1_15 Datasheet
2Mb / 42P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
TPS54061 TI-TPS54061_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com