Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54426 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS54426
Descripción Electrónicos  4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54426 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54426_15 Datasheet HTML 7Page - Texas Instruments TPS54426_15 Datasheet HTML 8Page - Texas Instruments TPS54426_15 Datasheet HTML 9Page - Texas Instruments TPS54426_15 Datasheet HTML 10Page - Texas Instruments TPS54426_15 Datasheet HTML 11Page - Texas Instruments TPS54426_15 Datasheet HTML 12Page - Texas Instruments TPS54426_15 Datasheet HTML 13Page - Texas Instruments TPS54426_15 Datasheet HTML 14Page - Texas Instruments TPS54426_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
0
20
40
60
80
100
0.001
0.01
0.1
I -OutputCurrent- A
O
V
=1.8V
O
V
=2.5V
O
V
=3.3V
O
400
500
600
700
800
0
5
10
15
20
V -InputVoltage-V
I
V
=3.3V
O
V
=1.8V
O
V (10mV/div)
O
SW(5V/div)
0
100
200
300
400
500
600
700
800
0.001
0.01
0.1
1
10
I -OutputCurrent- A
O
V
=1.8V
O
V
=2.5V
O
VIN(50mV/div)
SW(5V/div)
TPS54426
www.ti.com
SLVSAD6C
– AUGUST 2010 – REVISED JULY 2011
TYPICAL CHARACTERISTICS (continued)
LIGHT LOAD EFFICIENCY
SWITCHING FREQUENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE (IO=1A)
Figure 9.
Figure 10.
WITCHING FREQUENCY
vs
OUTPUT CURRENT
VOLTAGE RIPPLE AT OUTPUT (IO=4A)
Figure 11.
Figure 12.
VOLTAGE RIPPLE AT INPUT (IO=4A)
Figure 13.
Copyright
© 2010–2011, Texas Instruments Incorporated
11
Product Folder Link(s) :TPS54426


Número de pieza similar - TPS54426_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results

Descripción similar - TPS54426_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com